Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1378327 Datasheet (PDF) - PHOENIX CONTACT

1378327 Datasheet PDF - PHOENIX CONTACT
Part # 1378327
Download  1378327 Download
File Size   306.1 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - DD21H 0,85/ 6-V-2,5-X

1378327 Datasheet (PDF)

Go To PDF Page Download Datasheet
1378327 Datasheet PDF - PHOENIX CONTACT

Part # 1378327
Download  1378327 Click to download

File Size   306.1 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - DD21H 0,85/ 6-V-2,5-X

1378327 Datasheet (HTML) - PHOENIX CONTACT


1378327 Product details

PCB headers, color: black, nominal current: 5 A, rated voltage (III/2): 160 V, contact surface: Tin,
type of contact: Male connector, number of rows: 2, number of positions: 6, product range:
DD21H 0,85/..-V, pitch: 2.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin
[P]: 3.4 mm, number of solder pins per potential: 1, plug-in system: CONNEXIS DD, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Engagement nose,
type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Vertical connection enables multi-row arrangement on the PCB
• Easy PCB replacement thanks to plug-in modules
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1378327

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378320 PHOENIX-1378320 Datasheet
621Kb / 8P
PCB connector - DD21PC 0,85/12-2,5-X
1378321 PHOENIX-1378321 Datasheet
620Kb / 8P
PCB connector - DD21PC 0,85/16-2,5-X
1378322 PHOENIX-1378322 Datasheet
619Kb / 8P
PCB connector - DD21PC 0,85/20-2,5-X
1378323 PHOENIX-1378323 Datasheet
310Kb / 7P
PCB header - DD21H 0,85/ 8-H-2,5-X
1378324 PHOENIX-1378324 Datasheet
311Kb / 7P
PCB header - DD21H 0,85/10-H-2,5-X
More results


Similar Description - 1378327

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378323 PHOENIX-1378323 Datasheet
310Kb / 7P
PCB header - DD21H 0,85/ 8-H-2,5-X
1378325 PHOENIX-1378325 Datasheet
314Kb / 7P
PCB header - DD21H 0,85/16-H-2,5-X
1378328 PHOENIX-1378328 Datasheet
306Kb / 7P
PCB header - DD21H 0,85/ 8-V-2,5-X
1378330 PHOENIX-1378330 Datasheet
307Kb / 7P
PCB header - DD21H 0,85/10-V-2,5-X
1378342 PHOENIX-1378342 Datasheet
305Kb / 7P
PCB connector - DD21H 0,85/ 6-FH-2,5-X
1378130 PHOENIX-1378130 Datasheet
305Kb / 7P
PCB header - DD21H 0,85/ 6-V-2,5-Y
1378331 PHOENIX-1378331 Datasheet
307Kb / 7P
PCB header - DD21H 0,85/12-V-2,5-X
1378332 PHOENIX-1378332 Datasheet
308Kb / 7P
PCB header - DD21H 0,85/16-V-2,5-X
1378333 PHOENIX-1378333 Datasheet
309Kb / 7P
PCB header - DD21H 0,85/20-V-2,5-X
1378334 PHOENIX-1378334 Datasheet
309Kb / 7P
PCB header - DD21H 0,85/ 6-H-2,5-X
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com