Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSHA5200 Datasheet (PDF) - Vishay Siliconix

TSHA5200 Datasheet PDF - Vishay Siliconix
Part # TSHA5200
Download  TSHA5200 Download
File Size   105.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 875 nm, GaAlAs

TSHA5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSHA5200 Datasheet PDF - Vishay Siliconix

Part # TSHA5200
Download  TSHA5200 Click to download

File Size   105.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 875 nm, GaAlAs

TSHA5200 Datasheet (HTML) - Vishay Siliconix


TSHA5200 Product details

DESCRIPTION
The TSHA520. series are infrared, 875 nm emitting diodes in
GaAlAs technology, molded in a clear, untinted plastic
package.

FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Peak wavelength: λp = 875 nm
• High reliability
• Angle of half intensity: ϕ = ± 12°
• Low forward voltage
• Suitable for high pulse current operation
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Note
** Please see document “Vishay Material Category Policy”:
www.vishay.com/doc?99902




Similar Part No. - TSHA5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA5200 VISHAY-TSHA5200 Datasheet
89Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA5200 VISHAY-TSHA5200 Datasheet
122Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
05-Sep-08
TSHA5200 VISHAY-TSHA5200 Datasheet
114Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
29-Jun-09
TSHA5200 VISHAY-TSHA5200 Datasheet
107Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA5200 VISHAY-TSHA5200 Datasheet
105Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
More results


Similar Description - TSHA5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA6200 VISHAY-TSHA6200_09 Datasheet
115Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
25-Jun-09
TSHA6500 VISHAY-TSHA6500_09 Datasheet
101Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
06-Oct-09
TSHA5200 VISHAY-TSHA5200 Datasheet
107Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA5500 VISHAY-TSHA5500 Datasheet
105Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA4401 VISHAY-TSHA4401_V01 Datasheet
117Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
TSHA5500 VISHAY-TSHA5500_V01 Datasheet
104Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6203 VISHAY-TSHA6203_V01 Datasheet
108Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6500 VISHAY-TSHA6500_V01 Datasheet
113Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA4401 VISHAY-TSHA4401_V02 Datasheet
117Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com