Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC6705 Datasheet (PDF) - List of Unclassifed Manufacturers

RTC6705 Datasheet PDF - List of Unclassifed Manufacturers
Part # RTC6705
Download  RTC6705 Download
File Size   391.29 Kbytes
Page   12 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description CMOS 5.8GHz Band FM Transmitter

RTC6705 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTC6705 Datasheet PDF - List of Unclassifed Manufacturers

Part # RTC6705
Download  RTC6705 Click to download

File Size   391.29 Kbytes
Page   12 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description CMOS 5.8GHz Band FM Transmitter

RTC6705 Datasheet (HTML) - List of Unclassifed Manufacturers


RTC6705 Product details

Product Description
The RTC6705 is a wide-band FM transmitter intended for the application on 5.8GHz bands FM
transmission. This chip includes a 5.8GHz band RF modulator, two channels of audio modulator
and internal power amplifier with +13dBm power output referred to external matching network.
The 5.8GHz band RF modulator block, which is frequency-synthesizer based with an integrated
VCO, generates the 5.8GHz band FM signal modulated with video signal and two modulated
audio subcarriers at 6MHz and 6.5MHz respectively. Both Stereo and Mono application are
available on the chip.
Transmission frequency can be set by internal register via SPI programming, or by selecting six
dedicated pins. Two stages output power of +2dBm or +13dBm can be configured via pins 34
and 35. Both CE and FCC regulations are easy to pass by using RTC6705 with application
circuit and single room shielding case.
Features
 3.3V power supply
 Built-in PA with +13dBm output power
 5.8GHz band FM modulator and transmitter
 Simple digital pins setting 24 fixed channels to eliminate external micro-controller
 Two audio subcarrier modulators at 6MHz/6.5MHz
 Single chip CMOS technology with integrated VCO and PLL
 Transmitter frequency programmability by SPI
 40-pin leadless QFN package pass RoHS
Application
 AV Sender
 Baby Monitor
 Wireless Camera
 Wireless Audio
 Wireless Earphone




Similar Part No. - RTC6705

ManufacturerPart #DatasheetDescription
logo
RichWave Technology Cor...
RTC6715 RICHWAVE-RTC6715 Datasheet
630Kb / 12P
RTC6715 CMOS 5.8GHz Band FM Receiver
Rev V0.2
More results


Similar Description - RTC6705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
FM Narrow Band VHF Transmitter Module
SSTX4930 ETC1-SSTX4930 Datasheet
105Kb / 6P
Low Power ISM-Band FM/FSK Transmitter
logo
Radiometrix Ltd
TX3H-869.50-10 RADIOMETRIX-TX3H-869.50-10 Datasheet
223Kb / 8P
UHF Wide Band FM 450mW Transmitter
TX3B-869.85-64 RADIOMETRIX-TX3B-869.85-64 Datasheet
145Kb / 2P
869MHz Wide Band FM Transmitter
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
VHF Narrow Band FM 300mW Transmitter
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
869MHz Narrow Band FM Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
VHF Narrow Band FM 300mW Transmitter
MTX2 RADIOMETRIX-MTX2 Datasheet
315Kb / 10P
UHF Narrow Band FM sub-miniature transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
UHF Narrow Band FM Transmitter & Receiver
TX3B-869-64 RADIOMETRIX-TX3B-869-64 Datasheet
453Kb / 2P
869MHz Wide Band FM Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com