Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3234S Datasheet (PDF) - Maxim Integrated Products

DS3234S Datasheet PDF - Maxim Integrated Products
Part # DS3234S
Download  DS3234S Download
File Size   314.8 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM

DS3234S Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3234S Datasheet PDF - Maxim Integrated Products

Part # DS3234S
Download  DS3234S Click to download

File Size   314.8 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM

DS3234S Datasheet (HTML) - Maxim Integrated Products


DS3234S Product details

General Description
The DS3234 is a low-cost, extremely accurate SPI bus real-time clock (RTC) with an integrated temperature-compensated crystal oscillator (TCXO) and crystal. The DS3234 incorporates a precision, temperature-compensated voltage reference and comparator circuit to monitor VCC.

Benefits and Features
• Highly Accurate RTC with Integrated Crystal and
   SRAM Completely Manages All Timekeeping
   Functions
   • Accuracy ±2ppm from 0°C to +40°C
   • Accuracy ±3.5ppm from -40°C to +85°C
   • Real-Time Clock Counts Seconds, Minutes, Hours,
      Day, Date, Month, and Year, with Leap Year
      Compensation Valid Up to 2099
   • Digital Temp Sensor Output: ±3°C Accuracy
   • Register for Aging Trim
   • RST Input/Output
   • Two Time-of-Day Alarms
   • Programmable Square-Wave Output
• Simple Serial Interface Connects to Most
   Microcontrollers
   • 4MHz SPI Bus Supports Modes 1 and 3
• Battery-Backup Input for Continuous Timekeeping
   • Low Power Operation Extends Battery Backup Run
      Time
• Operating Temperature Ranges: Commercial: 0°C to
   +70°C, Industrial: -40°C to +85°C
• 300-Mil, 20-Pin SO Package
• Underwriters Laboratories® (UL) Recognized

Applications
   Servers
   Utility Power Meters
   Telematics
   GPS




Similar Part No. - DS3234S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3234S MAXIM-DS3234S Datasheet
282Kb / 21P
Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3234S- MAXIM-DS3234S- Datasheet
291Kb / 21P
Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
DS3234SN MAXIM-DS3234SN Datasheet
282Kb / 21P
Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3234SN- MAXIM-DS3234SN- Datasheet
291Kb / 21P
Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
More results


Similar Description - DS3234S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3234 MAXIM-DS3234_07 Datasheet
292Kb / 20P
Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 1; 7/07
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3234 MAXIM-DS3234_08 Datasheet
291Kb / 21P
Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3234 MAXIM-DS3234_10 Datasheet
282Kb / 21P
Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com