Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT4301 Datasheet (PDF) - List of Unclassifed Manufacturers

THAT4301 Datasheet PDF - List of Unclassifed Manufacturers
Part # THAT4301
Download  THAT4301 Download
File Size   585.67 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description THAT Analog Engine짰 IC Dynamics Processor

THAT4301 Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT4301 Datasheet PDF - List of Unclassifed Manufacturers

Part # THAT4301
Download  THAT4301 Click to download

File Size   585.67 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description THAT Analog Engine짰 IC Dynamics Processor

THAT4301 Datasheet (HTML) - List of Unclassifed Manufacturers


THAT4301 Product details

Description

THAT 4301 Dynamics Processor, dubbed “THAT Analog Engine,” combines in a single IC all the active circuitry needed to construct a wide range of dynamics processors. The 4301 includes a high-performance, exponen tially-controlled VCA, a log-responding RMS-level sensor and three general- purpose opamps.



FEATURES

High-Performance Voltage Controlled Amplifier

High-Performance RMS-Level Detector

Three General-Purpose Opamps

Wide Dynamic Range: >115 dB

Low THD: <0.03%

Low Cost: $4.39 (‘000s)

DIP & Surface-Mount Packages



APPLICATIONS

Compressors

Limiters

Gates

Expanders

De-Essers

Duckers

Noise Reduction Systems

Wide-Range Level Meters




Similar Part No. - THAT4301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
Pre-trimmed Analog Engine짰 IC
More results


Similar Description - THAT4301

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
CCD SENSORS ANALOG PROCESSOR IC
Oct-1998
logo
Sony Corporation
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
Analog signal processor IC
logo
List of Unclassifed Man...
THAT4311 ETC-THAT4311 Datasheet
230Kb / 12P
Low-voltage, Low-power Analog Engine Dynamics Processor
logo
LSI Computer Systems
BH3878KS2 LSI-BH3878KS2 Datasheet
228Kb / 2P
Sound Processor IC
logo
YAMAHA CORPORATION
GDR101 YAMAHA-GDR101 Datasheet
237Kb / 2P
Analog Servo Processor
logo
Sony Corporation
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
encoder IC that converts
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
Pre-trimmed Analog Engine짰 IC
logo
International Rectifier
AN-1090 IRF-AN-1090 Datasheet
257Kb / 15P
Controller Dynamics and Tuning
logo
Sanyo Semicon Device
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
Monolithic Linear IC Analog Signal Processor for CD Players
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
AUDIO PROCESSOR IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com