Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

219 Datasheet (PDF) - CTS Corporation

219 Datasheet PDF - CTS Corporation
Part # 219
Download  219 Download
File Size   94.84 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Surface mount DIP Switch-Auto Placeable

219 Datasheet (PDF)

Go To PDF Page Download Datasheet
219 Datasheet PDF - CTS Corporation

Part # 219
Download  219 Click to download

File Size   94.84 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Surface mount DIP Switch-Auto Placeable

219 Datasheet (HTML) - CTS Corporation


219 Product details

Features
Optimized Mechanical Features
• Removable tape seal to withstand IR vapor phase or wave soldering temperatures, board washing
• Positive detent separate from contactor
• Low profile and medium height actuators available
• SPST configurations, 2 through 10 and 12 positions
• .686mm (.027") actuator travel
• Gull-wing and “J” lead terminal configurations

Optimized Contact System
• Redundant, wiping contact
• Contactor does not deflect during actuation

Premium Materials
• Gold plated contacts, solder coated terminals
• Copper alloy contactor
• High temperature materials (UL 94 V-0)




Similar Part No. - 219

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
logo
ATTEND Technology Inc.
219 ATTEND-219 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
2023/07/14
logo
Walther-Werke
219 WALTHER-219 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
219 402 WALTHER-219 402 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
219 404 WALTHER-219 404 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
More results


Similar Description - 219

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
218 CTS-218 Datasheet
101Kb / 2P
SMT half pitch DIP switch-Auto placeable
218 CTS-218_08 Datasheet
763Kb / 2P
SMT Half Pitch DIP Switch-Auto Placeable
219-6MST CTS-219-6MST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
218-02LPST CTS-218-02LPST Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
219-4LPST CTS-219-4LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
219-6LPST CTS-219-6LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
219-8LPST CTS-219-8LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
219-5LPST CTS-219-5LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
218-2LPSTR CTS-218-2LPSTR Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
219-3MSTR CTS-219-3MSTR Datasheet
289Kb / 2P
Surface Mount DIP Switch Auto Placeable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com