Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST500 Datasheet (PDF) - Bel Fuse Inc.

SST500 Datasheet PDF - Bel Fuse Inc.
Part # SST500
Download  SST500 Download
File Size   83.29 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Square Ceramic Surface Mount Slow Blow Fuse

SST500 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST500 Datasheet PDF - Bel Fuse Inc.

Part # SST500
Download  SST500 Click to download

File Size   83.29 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Square Ceramic Surface Mount Slow Blow Fuse

SST500 Datasheet (HTML) - Bel Fuse Inc.


SST500 Product details

Features

- Slow Blow

- Small size, 2410SMD

- Wide range of current rating from 375mA to 7A

- Wide operating temperature range

- Tape and Reel for auto-insert SMD process.

- RoHS compliant (MSL = 1)

- Halogen Free

- Leadfree




Similar Part No. - SST500

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST500 CALOGIC-SST500 Datasheet
23Kb / 2P
Current Regulator Diode
logo
Bel Fuse Inc.
SST500 BEL-SST500 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST500 BEL-SST500 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
logo
Calogic, LLC
SST500 CALOGIC-SST500 Datasheet
208Kb / 2P
Simple Two Lead Current Sources
More results


Similar Description - SST500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
SMM BEL-SMM Datasheet
365Kb / 2P
Square Ceramic Surface Mount Medium Blow Fuse
SST375 BEL-SST375_1 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST375_1310 BEL-SST375_1310 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
0678L BEL-0678L Datasheet
1Mb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0678D BEL-0678D Datasheet
1Mb / 4P
SQUARE CERAMIC SURFACE MOUNT FAST BLOW FUSE
0678D0500-XX BEL-0678D0500-XX Datasheet
1,017Kb / 4P
Square Ceramic Surface Mount Fast Blow Fuse
0678L9100-XX BEL-0678L9100-XX Datasheet
804Kb / 4P
Square Ceramic Surface Mount Medium Blow Fuse
0680L BEL-0680L Datasheet
841Kb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
0683G BEL-0683G Datasheet
344Kb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com