Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL06 Datasheet (PDF) - Artesyn Technologies

SIL06 Datasheet PDF - Artesyn Technologies
Part # SIL06
Download  SIL06 Download
File Size   177.48 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 6A Non-isolated DC/DC Converters

SIL06 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIL06 Datasheet PDF - Artesyn Technologies

Part # SIL06
Download  SIL06 Click to download

File Size   177.48 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 6A Non-isolated DC/DC Converters

SIL06 Datasheet (HTML) - Artesyn Technologies


SIL06 Product details

The SIL06 Series is a new high density open frame non-isolated converter for space sensitive applications. Each model has a wide input range (4.5 - 5.5VDC or 10.2 - 13.8VDC) and offer a wide 0.9 - 5V output voltage range with a 6A load. An external resistor adjusts the output voltage from its pre-set value of 0.9V to any value up to the 5V maximum. Typical efficiencies for the models are 89% for the 5V input version and 91% for the 12V input version. The SIL06 series offers remote ON/OFF and over current protection as standard. With full international safety approval including EN60950 and UL/cUL60950, the SIL06 reduces compliance costs and time to market.

• Ultra wide trim range 0.9V to 3.3V/5.0V
• Current sink capability for termination application
• Horizontal and vertical-mount options available
• High power density design means reduced board space requirement
• Power good output signal (open collector)
• Operating ambient temperature up to +80ºC with suitable derating and forced air cooling
• Remote ON/OFF (active high)
• 0A minimum load
• Input under-voltage lockout
• Over-current and short-circuit protection




Similar Part No. - SIL06

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL06C-00SADJ-HJ ARTESYN-SIL06C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL06C-00SADJ-VJ ARTESYN-SIL06C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL06C-05SADJ-H ARTESYN-SIL06C-05SADJ-H Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
More results


Similar Description - SIL06

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com