Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3485PCT Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

RS3485PCT Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # RS3485PCT
Download  RS3485PCT Download
File Size   533.42 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 485隔 离 型 收 发 模 块

RS3485PCT Datasheet (PDF)

Go To PDF Page Download Datasheet
RS3485PCT Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # RS3485PCT
Download  RS3485PCT Click to download

File Size   533.42 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 485隔 离 型 收 发 模 块

RS3485PCT Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


RS3485PCT Product details

Product Features :
- Driving voltage: 3.3V/5.0V
1. Isolation voltage: 3000 VDC
A transmission rate: 9600bps (MAXJ
One bus overvoltage protection
A quiescent current <13mA(Typ)
1. No peripheral circuit is required, simplifying the design
- ESD protection (CContact: +8KV; Air: +15KV 》
- Working temperature range: -40C - +85C
1 Meet the TIA/EIA-485 standard




Similar Part No. - RS3485PCT

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
RS3485PCHT-H REICU-RS3485PCHT-H Datasheet
3Mb / 1P
Isolated two-way communication
REV:18.2
RS3485PCHTIH REICU-RS3485PCHTIH Datasheet
3Mb / 1P
Isolated two-way communication
REV:18.2
More results


Similar Description - RS3485PCT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
3.3V RS 485 TRANSCEIVERS
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
Isolated RS-485 Transceiver
REV. C
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
RS-422/485 Repeater
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
RS-485 Transceivers
logo
A1 PROs co., Ltd.
AH249VP A1PROS-AH249VP Datasheet
174Kb / 2P
RS 485 OPTION
logo
Guangzhou Reicu Electro...
RE3485CT REICU-RE3485CT Datasheet
1Mb / 1P
485 Isolated transceiver module
REV:15.4
logo
List of Unclassifed Man...
AD84064 ETC-AD84064 Datasheet
171Kb / 2P
降压型直流-直流变换器控制 IC
AD84068 ETC-AD84068 Datasheet
388Kb / 4P
精简型 DC-DC 降压电路
AKC6951 ETC-AKC6951 Datasheet
744Kb / 19P
C6951 立体声 FM/TV/MW/LW 数字调谐收音机
Preliminary V2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com