Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950 Datasheet (PDF) - Analog Devices

ADBMS2950 Datasheet PDF - Analog Devices
Part # ADBMS2950
Download  ADBMS2950 Download
File Size   231.99 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Battery Pack Monitors

ADBMS2950 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADBMS2950 Datasheet PDF - Analog Devices

Part # ADBMS2950
Download  ADBMS2950 Click to download

File Size   231.99 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Battery Pack Monitors

ADBMS2950 Datasheet (HTML) - Analog Devices


ADBMS2950 Product details

GENERAL DESCRIPTION
The ADBMS2950 and ADBMS2952 are battery pack monitors, and
the ADBMS2951 is a link monitor for electrical and hybrid vehicles,
and other current or voltage sense applications. The ADBMS2950
and ADBMS2952 measure the current flowing in and out of a
battery pack by sensing the voltage drop over a shunt resistor with
a very low offset.
The ADBMS2950 and ADBMS2952 also detect overcurrent conditions
using fast overcurrent ADCs with digital threshold comparators
and communicate their results through dedicated overcurrent
alert lines with minimum delay.
The ADBMS2950/ADBMS2951/ADBMS2952 feature a total of 12
internally buffered high impedance inputs for measuring voltages
from external sensors or resistor dividers, enabling measurement
of pack voltages, temperatures, HV-Link voltages, chassis isolation,
and the supervision of the state of contactors and fuses.
Six digital outputs (GPOs) supporting open-drain or push-pull can
be used to control high voltage transistors to disconnect external
resistor dividers. Four digital GPIOs also allow operation as an I2C
or SPI controller interface to address an external EEPROM or other
serial peripherals.
The built-in serial interface of the ADBMS2950 and ADBMS2951
can be configured for SPI or isolated isoSPI communication to the
host. An additional isoSPI port allows to connect a daisy-chain of
the ADBMS2950 and ADBMS2951 devices; optionally extended
with the ADBMS683x cell monitors. The ADBMS2952 supports SPI
communication only.

FEATURES
► Battery pack current measurement
► Buffered analog inputs
► Continuous operation option
► Lossless measurement for coulomb counting
► 1 ms update rate
► ±0.1% maximum gain error
► ±1 μV maximum offset
► Redundant implementation
► Battery pack voltage measurement
► Buffered analog inputs
► Synchronous with current measurement
► Differential and single-ended mode
► Redundant implementation
► 10 additional voltage measurement channels
► Buffered analog inputs
► On-demand operation
► Differential and single-ended mode
► Redundant implementation
► Overcurrent detection
► Triple redundancy with majority voting
► PWM output options
► Built-in isoSPI
► 2 Mbps isolated serial communications
► Capacitor or transformer coupled
► Daisy-chaining option
► 4-wire SPI option
► General-purpose digital IO
► Six general-purpose outputs
► Dual threshold read-back of GPOs
► Four GPIOs configurable as an I2C or SPI controller
► 48-Lead side-solderable QFN package
► AEC-Q100 qualified
► ADBMS295xWFS models developed for use in ISO 26262 applications for ASIL D

APPLICATIONS
► Electric and hybrid electric vehicles
► Backup battery systems
► Grid energy storage




Similar Part No. - ADBMS2950

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS2950B AD-ADBMS2950B Datasheet
9Mb / 97P
Battery Pack Monitor
Rev. 0
ADBMS2950BCCSZ AD-ADBMS2950BCCSZ Datasheet
9Mb / 97P
Battery Pack Monitor
Rev. 0
ADBMS2950BCCSZ-RL AD-ADBMS2950BCCSZ-RL Datasheet
9Mb / 97P
Battery Pack Monitor
Rev. 0
More results


Similar Description - ADBMS2950

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6804-1 LINER-LTC6804-1 Datasheet
934Kb / 72P
Multicell Battery Monitors
LTC6804-1 LINER-LTC6804-1_15 Datasheet
927Kb / 74P
Multicell Battery Monitors
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
Multicell Battery Monitors
LTC6811-1 LINER-LTC6811-1 Datasheet
2Mb / 88P
Multicell Battery Monitors
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
logo
Beckhoff Automation Gmb...
C9900-U330 BECKHOFF-C9900-U330 Datasheet
105Kb / 2P
Battery pack
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
Battery pack
logo
Pepperl+Fuchs Inc.
EX-BPS02 PF-EX-BPS02 Datasheet
1Mb / 1P
Battery pack
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
logo
Analog Devices
LTC6811-1 AD-LTC6811-1_V01 Datasheet
4Mb / 92P
12-Cell Battery Stack Monitors
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com