Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3965 Datasheet (PDF) - Analog Devices

LT3965 Datasheet PDF - Analog Devices
Part # LT3965
Download  LT3965 Download
File Size   1398.13 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C to CAN-Physical Transceiver

LT3965 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3965 Datasheet PDF - Analog Devices

Part # LT3965
Download  LT3965 Click to download

File Size   1398.13 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C to CAN-Physical Transceiver

LT3965 Datasheet (HTML) - Analog Devices


LT3965 Product details

DESCRIPTION
The LT®3960 is a robust high speed transceiver that
extends a single-master I2C bus through harsh or noisy
environments at up to 400kbps using the CAN-physical
layer. One LT3960 sits near the I2C master, creating from
SCL and SDA equivalent differential buses (I2CAN) on
two twisted pairs. At the other end of the twisted pairs, a
second LT3960 recreates the I2C bus locally for any slave
I2C devices. A built-in 3.3V LDO powers both the I2C and
I2CAN buses from a single input supply from 4V to 60V.
Alternatively, the LT3960 can be powered directly from a
3.3V or 5V supply.

FEATURES
- Protected from Overvoltage Line Faults to ±40V
- Up to 400kbps I2C Communications
- 4V to 60V Power Supply Range with Internal 3.3V Regulator
- 3.3V or 5V Bus Voltage
- Extended Common Mode Range (±36V)
- Current Limited Drivers with Thermal Shutdown
- Power-Up/Down Glitch Free Driver Outputs
- Low Current Shutdown Mode
- Transmit Data Dominant Timeout Function
- E- and J-Grades Available
- Available in a 10-Lead MSOP Package
- AEC-Q100 Qualification in Progres

APPLICATIONS
- Industrial Networking
- Automotive Networking
- Remote Sensors




Similar Part No. - LT3965

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3965 LINER-LT3965 Datasheet
337Kb / 26P
8-Switch Matrix LED Dimmer
logo
Analog Devices
LT3965 AD-LT3965 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
02/21-REV.A
LT3965 AD-LT3965 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
logo
Linear Technology
LT3965-1 LINER-LT3965-1 Datasheet
337Kb / 26P
8-Switch Matrix LED Dimmer
More results


Similar Description - LT3965

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
CAN Transceiver
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
CAN-Transceiver
Version 3.4 2002-10-08
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
CAN Transceiver
logo
Macronix International
MX98704 MCNIX-MX98704 Datasheet
89Kb / 15P
100BASE-TX PHYSICAL DATA TRANSCEIVER
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
CAN TRANSCEIVER
logo
Intel Corporation
82567 INTEL-82567 Datasheet
574Kb / 33P
GbE Physical Layer Transceiver (PHY)
logo
Texas Instruments
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
CAN TRANSCEIVER
logo
Intel Corporation
82567GBE INTEL-82567GBE Datasheet
614Kb / 33P
82567 GbE Physical Layer Transceiver (PHY)
logo
ELMOS Semiconductor AG
E520.14 ELMOS-E520.14 Datasheet
978Kb / 41P
Provides four HS-CAN physical interfaces
logo
Analog Devices
LT3960 AD-LT3960 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
02/21-REV.A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com