Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546J Datasheet (PDF) - Diodes Incorporated

PI5USB2546J Datasheet PDF - Diodes Incorporated
Part # PI5USB2546J
Download  PI5USB2546J Download
File Size   1394.79 Kbytes
Page   31 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB Charging Port Controller and Load Detection Power Switch

PI5USB2546J Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5USB2546J Datasheet PDF - Diodes Incorporated

Part # PI5USB2546J
Download  PI5USB2546J Click to download

File Size   1394.79 Kbytes
Page   31 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB Charging Port Controller and Load Detection Power Switch

PI5USB2546J Datasheet (HTML) - Diodes Incorporated


PI5USB2546J Product details

Features
- Supports CDP/DCP Modes per USB Battery Charging
Specification 1.2
- Supports Shorted Mode per Chinese Telecommunication
Industry Standard YD/T1591-2009
- Supports non-BC1.2 Charging Modes by Automatic
Selection
- Divider-1A mode
- Divider-2A mode
- DCP-1.2V mode
- Supports Sleep-Mode Charging and Mouse/Keyboard
Wake up
- Load Detection for Power Supply Control in S4/S5
Charging and Port Power Management in all Charge
Modes
- Compatible with USB 2.0/3.0 Power Switch Requirements
- Integrated 73-mΩ (Typ.) High-Side MOSFET
- Adjustable Current-Limit up to 3A(Typ.)
- Operating Range:4.5V to 5.5V
- Max Device Current
- 2μA at Device Disabled
- 270μA at Device Enabled
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen- and Antimony-Free. “Green” Device (Note 3)
- For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
- Device Package:
- 16-pin, ZHD (UQFN)
- 16-pin, ZH (TQFN)
- UL Listed and CB File No. US-24707-M2-UL

Applications
- USB Ports (Host and Hubs)
- Notebook and Desktop PCs
- Universal Wall Charging Adapters




Similar Part No. - PI5USB2546J

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
1/18/2017
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546AQZHEX DIODES-PI5USB2546AQZHEX Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
logo
Pericom Semiconductor C...
PI5USB2546AZHEX PERICOM-PI5USB2546AZHEX Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
More results


Similar Description - PI5USB2546J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
USB Charging Port Controller and Load Detection Power Switch
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
1/18/2017
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com