Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL3020-GS08 Datasheet (PDF) - Vishay Siliconix

VCNL3020-GS08 Datasheet PDF - Vishay Siliconix
Part # VCNL3020-GS08
Download  VCNL3020-GS08 Download
File Size   187.01 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function

VCNL3020-GS08 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL3020-GS08 Datasheet PDF - Vishay Siliconix

Part # VCNL3020-GS08
Download  VCNL3020-GS08 Click to download

File Size   187.01 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function

VCNL3020-GS08 Datasheet (HTML) - Vishay Siliconix


VCNL3020-GS08 Product details

DESCRIPTION
The VCNL3020 is a fully integrated proximity sensor. Fully
integrated means that the infrared emitter is included in the
package. It has 16 bit resolution. It includes a signal
processing IC and features standard I2C communication
interface. It features an interrupt function

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.90 x 2.40 x 0.83
• Integrated modules: infrared emitter (IRED),
proximity sensor (PD), and signal conditioning IC
• Interrupt function
• Supply voltage range VDD: 2.5 V to 3.6 V
• Supply voltage range IR anode: 2.5 V to 5 V
• Communication via I2C interface
• I2C bus H-level range: 1.7 V to 5 V
• Floor life: 72 h, MSL 4, according to J-STD-020
• Low stand by current consumption: 1.5 μA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VCNL3020-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3020-GS08 VISHAY-VCNL3020-GS08 Datasheet
186Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
More results


Similar Description - VCNL3020-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3020 VISHAY-VCNL3020 Datasheet
188Kb / 13P
Fully Integrated Proximity Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
25-Jun-12
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
VCNL4020X01 VISHAY-VCNL4020X01 Datasheet
226Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
13-Aug-14
VCNL3020 VISHAY-VCNL3020_V01 Datasheet
186Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL3030X01 VISHAY-VCNL3030X01 Datasheet
269Kb / 16P
Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
12-Aug-2020
VCNL3030X01 VISHAY-VCNL3030X01_V01 Datasheet
269Kb / 16P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
12-Aug-2020
VCNL4010 VISHAY-VCNL4010_V02 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V02 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020 VISHAY-VCNL4020_V02 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4030X01 VISHAY-VCNL4030X01_V01 Datasheet
314Kb / 20P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
18-Mar-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com