Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL3040 Datasheet (PDF) - Vishay Siliconix

VCNL3040 Datasheet PDF - Vishay Siliconix
Part # VCNL3040
Download  VCNL3040 Download
File Size   255.31 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Proximity Sensor With Interrupt, IRED, and I2C Interface

VCNL3040 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL3040 Datasheet PDF - Vishay Siliconix

Part # VCNL3040
Download  VCNL3040 Click to download

File Size   255.31 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Proximity Sensor With Interrupt, IRED, and I2C Interface

VCNL3040 Datasheet (HTML) - Vishay Siliconix


VCNL3040 Product details

DESCRIPTION
VCNL3040 integrates a proximity sensor (PS), and a high
power IRED into one small package. It incorporates
photodiodes, amplifiers, and analog to digital converting
circuits into a single chip by CMOS process. PS
programmable interrupt features of individual high and low
thresholds offers the best utilization of resource and power
saving on the microcontroller.
The 12-bit / 16-bit proximity sensing function uses on
intelligent cancellation scheme, so that cross talk
phenomenon is eliminated effectively. To accelerate the PS
response time, smart persistence prevents the misjudgment
of proximity sensing but also keeps a fast response time.
Active force mode, one time trigger by one instruction, is
another good approach for more design flexibility to fulfill
different kinds of applications with more power saving.
PS functions are easily operated via the simple command
format of I2C (SMBus compatible) interface protocol.
Operating voltage ranges from 2.5 V to 3.6 V. VCNL3040 is
packaged in a lead (Pb)-free 8 pin QFN package, which
offers the best market-proven reliability quality.

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.0 x 2.0 x 1.1
• Integrated modules: infrared emitter (IRED),
proximity sensor (PS), and signal conditioning
IC
• Low power consumption I2C (SMBus
compatible) interface
• Floor life: 168 h, MSL 3, according to
J-STD-020
• Output type: I2C bus (PS)
• Operation voltage: 2.5 V to 3.6 V
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VCNL3040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3040 VISHAY-VCNL3040 Datasheet
254Kb / 17P
Proximity Sensor With Interrupt, IRED, and I2C Interface
23-Sep-2020
More results


Similar Description - VCNL3040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3020 VISHAY-VCNL3020 Datasheet
188Kb / 13P
Fully Integrated Proximity Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
25-Jun-12
VCNL4020X01 VISHAY-VCNL4020X01 Datasheet
226Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
13-Aug-14
logo
Everlight Electronics C...
EAAPMST3923A1 EVERLIGHT-EAAPMST3923A1 Datasheet
552Kb / 17P
Proximity Sensor with I2C Interface
logo
Vishay Siliconix
VCNL3040 VISHAY-VCNL3040 Datasheet
254Kb / 17P
Proximity Sensor With Interrupt, IRED, and I2C Interface
23-Sep-2020
VCNL3020 VISHAY-VCNL3020_V01 Datasheet
186Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL3030X01 VISHAY-VCNL3030X01 Datasheet
269Kb / 16P
Fully Integrated Proximity Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
12-Aug-2020
VCNL36825T VISHAY-VCNL36825T Datasheet
243Kb / 16P
Proximity Sensor With Interrupt, VCSEL, and I2C Interfaces
14-Sep-2021
VCNL36826S VISHAY-VCNL36826S Datasheet
209Kb / 16P
Proximity Sensor With Interrupt, VCSEL, and I2C Interface
01-Feb-2022
VCNL36825T VISHAY-VCNL36825T_V01 Datasheet
244Kb / 16P
Proximity Sensor With Interrupt, VCSEL, and I2C Interface
14-Sep-2021
VCNL36826S VISHAY-VCNL36826S_V01 Datasheet
209Kb / 16P
Proximity Sensor With Interrupt, VCSEL, and I2C Interface
01-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com