Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEML3235SL Datasheet (PDF) - Vishay Siliconix

VEML3235SL Datasheet PDF - Vishay Siliconix
Part # VEML3235SL
Download  VEML3235SL Download
File Size   446.49 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Power, High Sensitivity, I2C Ambient Light Sensor

VEML3235SL Datasheet (PDF)

Go To PDF Page Download Datasheet
VEML3235SL Datasheet PDF - Vishay Siliconix

Part # VEML3235SL
Download  VEML3235SL Click to download

File Size   446.49 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Power, High Sensitivity, I2C Ambient Light Sensor

VEML3235SL Datasheet (HTML) - Vishay Siliconix


VEML3235SL Product details

DESCRIPTION
VEML3235SL is an advanced ambient light sensor with I2C
protocol interface and is designed by the CMOS process. It
is easy to operate via a simple I2C command.
VEML3235SL incorporates a photodiode, amplifiers, and
analog circuits in a single chip. The best spectral sensitivity
is used to closely capture real human eye responses.
VEML3235SL has excellent temperature compensation and
the robust refresh rate setting does not need an external
RC low pass filter. Software shutdown mode is provided,
which reduces power consumption to be less than 1 μA.
VEML3235SL’s operating voltage ranges from 2.6 V to
3.6 V. VEML3235SL can detect a wide range of ambient
light power.

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 2.95 x 1.5 x 1.5
• Integrated modules: ambient light sensor (ALS)
• Supply voltage range VDD: 2.6 V to 3.6 V
• Communication via I2C interface
• I2C bus H-level range: 1.7 V to 3.6 V
• Floor life: 168 h, MSL 3, according to J-STD-020
• Low stand by current consumption: typ. 1 μA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VEML3235SL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML3235SL VISHAY-VEML3235SL Datasheet
365Kb / 14P
Low Power, High Sensitivity, I2C Ambient Light Sensor
18-Dec-2020
VEML3235SL VISHAY-VEML3235SL Datasheet
445Kb / 13P
Low Power, High Sensitivity, I2C Ambient Light Sensor
19-Nov-2021
VEML3235SL VISHAY-VEML3235SL_V01 Datasheet
445Kb / 13P
Low Power, High Sensitivity, I2C Ambient Light Sensor
19-Nov-2021
More results


Similar Description - VEML3235SL

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-749803 AMI-AMIS-749803 Datasheet
462Kb / 15P
(I2C) Ambient Light Sensor
logo
List of Unclassifed Man...
CM32181 ETC1-CM32181 Datasheet
1,002Kb / 16P
Low Power, High Sensitivity I2C Ambient Light Sensor
logo
Vishay Siliconix
VEML6035 VISHAY-VEML6035 Datasheet
222Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
12-Mar-2019
VEML3235SL VISHAY-VEML3235SL Datasheet
365Kb / 14P
Low Power, High Sensitivity, I2C Ambient Light Sensor
18-Dec-2020
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
22-Feb-2021
VEML3235SL VISHAY-VEML3235SL_V01 Datasheet
445Kb / 13P
Low Power, High Sensitivity, I2C Ambient Light Sensor
19-Nov-2021
VEML3235 VISHAY-VEML3235_V01 Datasheet
235Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
22-Feb-2021
VEML6035 VISHAY-VEML6035_V01 Datasheet
223Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
26-Nov-2019
VEML3235 VISHAY-VEML3235_V02 Datasheet
236Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
22-Feb-2021
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
26-Nov-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com