Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEML6040 Datasheet (PDF) - Vishay Siliconix

VEML6040 Datasheet PDF - Vishay Siliconix
Part # VEML6040_V02
Download  VEML6040 Download
File Size   395.6 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RGBW Color Sensor with I2C Interface

VEML6040 Datasheet (PDF)

Go To PDF Page Download Datasheet
VEML6040 Datasheet PDF - Vishay Siliconix

Part # VEML6040_V02
Download  VEML6040 Click to download

File Size   395.6 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RGBW Color Sensor with I2C Interface

VEML6040 Datasheet (HTML) - Vishay Siliconix


VEML6040 Product details

DESCRIPTION
VEML6040 color sensor senses red, green, blue, and white
light and incorporates photodiodes, amplifiers, and analog /
digital circuits into a single chip using CMOS process. With
the color sensor applied, the brightness, and color
temperature of backlight can be adjusted base on ambient
light source that makes panel looks more comfortable for
end user’s eyes. VEML6040’s adoption of FiltronTM
technology achieves the closest ambient light spectral
sensitivity to real human eye responses.
VEML6040 provides excellent temperature compensation
capability for keeping the output stable under changing
temperature. VEML6040’s function are easily operated
via the simple command format of I2C (SMBus compatible)
interface protocol. VEML6040’s operating voltage ranges
from 2.5 V to 3.6 V. VEML6040 is packaged in a
lead (Pb)-free 4 pin OPLGA package which offers the
best market-proven reliability.

FEATURES
• Package type: surface mount
• Dimensions (L x W x H in mm): 2.0 x 1.25 x 1.0
• Integrated modules: color sensor (RGBW) and
signal conditioning IC
• FiltronTM technology provides a spectrum
matching real human eye responses
• Supports low transmittance (dark) lens design
• Fluorescent light flicker immunity
• Provides 16-bit resolution for each channel
(R, G, B, W)
• Selectable maximum detection range (515.4, 1031,
2062, 4124, 8248, or 16 496) lux with highest sensitivity
0.007865 lux/step
• Package: OPLGA
• Temperature compensation: -40 °C to +85 °C
• Low power consumption I2C (SMBus compatible)
interface
• Floor life: 168 h, MSL 3, according to J-STD-020
• Output type: I2C bus
• Operation voltage: 2.5 V to 3.6 V
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VEML6040_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML6040 VISHAY-VEML6040_V01 Datasheet
395Kb / 13P
RGBW Color Sensor with I2C Interface
21-Nov-16
More results


Similar Description - VEML6040_V02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11059-01WT HAMAMATSU-S11059-01WT Datasheet
214Kb / 9P
I2C interface-compatible color sensor
logo
Vishay Siliconix
VEML6040 VISHAY-VEML6040 Datasheet
397Kb / 13P
RGBW Color Sensor with I2C Interface
21-Nov-16
VEML3328SL VISHAY-VEML3328SL Datasheet
388Kb / 12P
RGBCIR Color Sensor With I2C Interface
30-Jan-2020
VEML3328 VISHAY-VEML3328 Datasheet
626Kb / 12P
RGBCIR Color Sensor With I2C Interface
30-Jan-2020
VEML3328 VISHAY-VEML3328_V01 Datasheet
603Kb / 12P
RGBCIR Color Sensor With I2C Interface
07-Sep-2021
VEML6040 VISHAY-VEML6040_V01 Datasheet
395Kb / 13P
RGBW Color Sensor with I2C Interface
21-Nov-16
VEML3328SL VISHAY-VEML3328SL_V01 Datasheet
459Kb / 13P
RGBCIR Color Sensor With I2C Interface
22-Nov-2021
VEML3328SL VISHAY-VEML3328SL_V02 Datasheet
460Kb / 13P
RGBCIR Color Sensor With I2C Interface
22-Nov-2021
VEML3328 VISHAY-VEML3328_V02 Datasheet
603Kb / 12P
RGBCIR Color Sensor With I2C Interface
07-Sep-2021
logo
Kinetic Technologies.
KTD2042 KINETIC-KTD2042 Datasheet
853Kb / 18P
9-Channel RGBW LED Driver with Buck Regulator and I2C Interface
March 2023 - Revision 04a
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com