Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1525X-Y Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1525X-Y Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1525X-Y
Download  R1525X-Y Download
File Size   3660.88 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 200 mA 42 V Ultra Low Supply Current Voltage Regulator for Industrial Applications

R1525X-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
R1525X-Y Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1525X-Y
Download  R1525X-Y Click to download

File Size   3660.88 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 200 mA 42 V Ultra Low Supply Current Voltage Regulator for Industrial Applications

R1525X-Y Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1525X-Y Product details

KEY SPECIFICATIONS
• Input Voltage Range: 3.5 V to 42.0 V
• Maximum Rating: 50 V
(Peak Inrush Voltage: 60 V@200ms or less)
• Operating Temperature Range: −50°C to 125°C
• Supply Current: Typ. 2.2 μA (Typ. 0.1 μA at Standby)
• Dropout Voltage: Typ. 0.6 V (IOUT = 200 mA, VOUT = 5.0 V)
• Output Voltage Range: 1.8 V, 2.5 V, 2.8 V, 3.0 V, 3.3 V, 3.4 V,
5.0 V, 5.5 V, 6.0 V, 6.4 V, 8.0 V, 8.5 V, 9.0 V,
10.0 V, 10.5 V, 11.0 V, 12.0 V
• Output Voltage Accuracy: ±0.6% (Ta = 25°C)
±1.6% (−50°C ≤ Ta ≤ 125°C)
• Input Stability: Typ. 0.01%/V (VSET + 1 V ≤ VIN ≤ 42 V)
• Short-circuit Protection: Limited to Typ. 80 mA
• Overcurrent Protection: Limited to Typ. 350 mA
• Thermal Shutdown: Detected at Typ.160°C




Similar Part No. - R1525X-Y

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1525X NISSHINBO-R1525X Datasheet
3Mb / 36P
200 mA 42 V Ultra Low Supply Current Voltage Regulator
More results


Similar Description - R1525X-Y

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 - Rev. 0
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
logo
List of Unclassifed Man...
R1524H050B-T1-AE ETC-R1524H050B-T1-AE Datasheet
2Mb / 37P
200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Nisshinbo Micro Devices...
R1524X NISSHINBO-R1524X Datasheet
2Mb / 37P
200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
R1524X-Y NISSHINBO-R1524X-Y Datasheet
2Mb / 37P
200 mA36 V Input Ultra Low Supply Current VR for Industrial Applications
R1525X NISSHINBO-R1525X Datasheet
3Mb / 36P
200 mA 42 V Ultra Low Supply Current Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com