Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ5516QI-02 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ5516QI-02 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ5516QI-02
Download  AOZ5516QI-02 Download
File Size   2677.12 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5516QI-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ5516QI-02 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ5516QI-02
Download  AOZ5516QI-02 Click to download

File Size   2677.12 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5516QI-02 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ5516QI-02 Product details

General Description
The AOZ5516QI-02 is a high efficiency synchronous
buck power stage module consisting of two asymmetrical
MOSFETs and an integrated driver. The MOSFETs are
individually optimized for operation in the synchronous
buck configuration. The High-Side MOSFET is optimized
to achieve low capacitance and gate charge for fast
switching with low duty cycle operation. The Low-Side
MOSFET has ultra low ON resistance to minimize
conduction loss. The compact 5mm x 5mm QFN
package is optimally chosen and designed to minimize
parasitic inductance for minimal EMI signature.
The AOZ5516QI-02 uses PWM and/or FCCM input for
accurate control of the power MOSFETs switching
activities, is compatible with 5V (CMOS) logic and
supports Tri-State PWM.
A number of features are provided making the
AOZ5516QI-02 a highly versatile power module. The
bootstrap diode is integrated in the driver. The Low-Side
MOSFET can be driven into diode emulation mode to
provide asynchronous operation and improve light-load
performance. The pin-out is also optimized for low
parasitics, keeping their effects to a minimum.

Features
 4.5V to 25V power supply range
 4.5V to 5.5V driver supply range
 55A continuous output current
- Up to 80A with 10ms on pulse
- Up to 120A with 10us on pulse
 Up to 2MHz switching operation
 5V PWM / Tri-State input compatible
 Under-Voltage LockOut protection
 FCCM pin control for Shutdown / Diode Emulation /
CCM operation
 Standard 5mm x 5mm QFN-31L package

Applications
 Notebook computers
 Memory and graphic cards
 VRMs for motherboards
 Point of load DC/DC converters
 Video gaming console




Similar Part No. - AOZ5516QI-02

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5517QI-03 AOSMD-AOZ5517QI-03 Datasheet
1Mb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 February 2024
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
More results


Similar Description - AOZ5516QI-02

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com