Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ7200CI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ7200CI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ7200CI
Download  AOZ7200CI Download
File Size   654.89 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V - AlphaZBLTM

AOZ7200CI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ7200CI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ7200CI
Download  AOZ7200CI Click to download

File Size   654.89 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V - AlphaZBLTM

AOZ7200CI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ7200CI Product details

General Description
The AOZ7200CI is a 600V AlphaZBLTM product that controls
the external N-channel MOSFET to replace a diode when
used in AC/DC diode-bridge application. The AOZ7200CI
can help to reduce power consumption and heat dissipation.
In diode-bridge application, the AOZ7200CI senses the
voltage drop and reduces the forward conduction loss to
the minimum value. When the forward current is reversed,
the AOZ7200CI turns off the external switch and suffers the
reverse voltage. In AC/DC application, the AOZ7200CI is
self-powered system without extra voltage supply.
The AOZ7200CI is available in a SOT23-5 package and is
rated over a -40°C to +125°C ambient temperature range.

Features
• Replaces a power diode in HV bridge rectifier
• Self-powered in AC system
• Low reverse threshold 1mV
• Low quiescent current 5uA

Applications
• AC/DC
• HV bridge rectifier application




Similar Part No. - AOZ7200CI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
More results


Similar Description - AOZ7200CI

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB50A6A NIEC-PCHMB50A6A_1 Datasheet
115Kb / 3P
50A 600V
PCHMB100A6A NIEC-PCHMB100A6A_1 Datasheet
126Kb / 3P
100A 600V
PCHMB150A6 NIEC-PCHMB150A6_1 Datasheet
126Kb / 3P
150A 600V
PRHMB50A6A NIEC-PRHMB50A6A_1 Datasheet
127Kb / 3P
50A 600V
PRHMB100A6 NIEC-PRHMB100A6_1 Datasheet
115Kb / 3P
100A 600V
PRHMB300A6AC NIEC-PRHMB300A6AC_1 Datasheet
126Kb / 3P
300A 600V
logo
National Instruments Co...
PCHMB200E6 NI-PCHMB200E6_15 Datasheet
262Kb / 4P
150A, 600V
PCHMB400E6 NI-PCHMB400E6_15 Datasheet
254Kb / 4P
400A, 600V
PCHMB600E6 NI-PCHMB600E6_15 Datasheet
298Kb / 4P
600A, 600V
logo
Schneider Electric
PJL36060 SCHNEIDER-PJL36060 Datasheet
142Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 600V
Oct 29, 2020
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com