Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1990892 Datasheet (PDF) - PHOENIX CONTACT

1990892 Datasheet PDF - PHOENIX CONTACT
Part # 1990892
Download  1990892 Download
File Size   381.53 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT 1,5/ 6-V-3,5

1990892 Datasheet (PDF)

Go To PDF Page Download Datasheet
1990892 Datasheet PDF - PHOENIX CONTACT

Part # 1990892
Download  1990892 Click to download

File Size   381.53 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT 1,5/ 6-V-3,5

1990892 Datasheet (HTML) - PHOENIX CONTACT


1990892 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 200 V, nominal cross section:
1.5 mm2, number of potentials: 6, number of rows: 1, number of positions per row: 6, product
range: SPT 1,5/..-V, pitch: 3.5 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 2.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1990892

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1990805 PHOENIX-1990805 Datasheet
353Kb / 10P
SPT 1,5/ 9-H-3,5 - PCB terminal block
1990818 PHOENIX-1990818 Datasheet
78Kb / 5P
PCB terminal block - SPT 1,5/10-H-3,5
1990821 PHOENIX-1990821 Datasheet
78Kb / 5P
PCB terminal block - SPT 1,5/11-H-3,5
1990834 PHOENIX-1990834 Datasheet
353Kb / 10P
PCB terminal block - SPT 1,5/12-H-3,5
1990850 PHOENIX-1990850 Datasheet
375Kb / 10P
PCB terminal block - SPT 1,5/ 2-V-3,5
More results


Similar Description - 1990892

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1824129 PHOENIX-1824129 Datasheet
103Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 6-V-3,5 R44
1990779 PHOENIX-1990779 Datasheet
80Kb / 5P
PCB terminal block - SPT 1,5/ 6-H-3,5
1990876 PHOENIX-1990876 Datasheet
78Kb / 5P
PCB terminal block - SPT 1,5/ 4-V-3,5
1990889 PHOENIX-1990889 Datasheet
78Kb / 5P
PCB terminal block - SPT 1,5/ 5-V-3,5
1990902 PHOENIX-1990902 Datasheet
76Kb / 5P
PCB terminal block - SPT 1,5/ 7-V-3,5
1990915 PHOENIX-1990915 Datasheet
79Kb / 5P
PCB terminal block - SPT 1,5/ 8-V-3,5
1990944 PHOENIX-1990944 Datasheet
76Kb / 5P
PCB terminal block - SPT 1,5/11-V-3,5
1822354 PHOENIX-1822354 Datasheet
485Kb / 16P
PCB terminal block - SPT-THR 1,5/ 6-V-3,5 P26
Jan 10, 2023
1990850 PHOENIX-1990850 Datasheet
375Kb / 10P
PCB terminal block - SPT 1,5/ 2-V-3,5
1990957 PHOENIX-1990957 Datasheet
379Kb / 10P
PCB terminal block - SPT 1,5/12-V-3,5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com