Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT3401 Datasheet (PDF) - Weitron Technology

WT3401 Datasheet PDF - Weitron Technology
Part # WT3401
Download  WT3401 Download
File Size   170.74 Kbytes
Page   6 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount P-Channel Enhancement Mode MOSFET

WT3401 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT3401 Datasheet PDF - Weitron Technology

Part # WT3401
Download  WT3401 Click to download

File Size   170.74 Kbytes
Page   6 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount P-Channel Enhancement Mode MOSFET

WT3401 Datasheet (HTML) - Weitron Technology


WT3401 Product details

Features:

*Super high dense cell design for low 


   RDS(ON)  <75 m @VGS =-10V

   R
DS(ON) <100 m @VGS =-4.5V

*Rugged and Reliable

*SOT-23 Package


 




Similar Part No. - WT3401

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT3402 WEITRON-WT3402 Datasheet
173Kb / 6P
Surface Mount N-Channel Enhancement Mode MOSFET
More results


Similar Description - WT3401

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2301 WEITRON-WT2301 Datasheet
157Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WT2307 WEITRON-WT2307 Datasheet
142Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WT4433AM WEITRON-WT4433AM Datasheet
387Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WT9435M WEITRON-WT9435M Datasheet
427Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WTU1333 WEITRON-WTU1333 Datasheet
3Mb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WTK9435 WEITRON-WTK9435 Datasheet
1Mb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WTC1333 WEITRON-WTC1333 Datasheet
2Mb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WTK6679 WEITRON-WTK6679 Datasheet
1Mb / 5P
Surface Mount P-Channel Enhancement Mode MOSFET
WTK9431 WEITRON-WTK9431 Datasheet
1Mb / 5P
Surface Mount P-Channel Enhancement Mode MOSFET
logo
Central Semiconductor C...
CMPDM8120 CENTRAL-CMPDM8120_15 Datasheet
330Kb / 2P
SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com