Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7M6314US Datasheet (PDF) - Diodes Incorporated

PT7M6314US Datasheet PDF - Diodes Incorporated
Part # PT7M6314US
Download  PT7M6314US Download
File Size   471.59 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Supervisory Circuit

PT7M6314US Datasheet (PDF)

Go To PDF Page Download Datasheet
PT7M6314US Datasheet PDF - Diodes Incorporated

Part # PT7M6314US
Download  PT7M6314US Click to download

File Size   471.59 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Supervisory Circuit

PT7M6314US Datasheet (HTML) - Diodes Incorporated


PT7M6314US Product details

Features
- Highly accurate: 1.5% (25°C)
- Detect voltage range: 1.8 to 5V in 100mV increments
- Operating voltage range: 1.0V ~ 5.5V
- Operating temperature range: -40°C to + 85°C
- Detect voltage temperature characteristics: 2.5%  TYP
- Output configuration: Bi-dir
- Four reset timeout period available:
- typical 1.6ms for PT7M6314USxxD1;
- typical 26ms for PT7M6314USxxD2;
- typical 200ms for PT7M6314USxxD3;
- typical 1570ms for PT7M6314USxxD4;




Similar Part No. - PT7M6314US

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6314US PERICOM-PT7M6314US Datasheet
472Kb / 8P
Supervisory Circuit
PT7M6314US25D3 PERICOM-PT7M6314US25D3 Datasheet
472Kb / 8P
Supervisory Circuit
PT7M6314US25D4 PERICOM-PT7M6314US25D4 Datasheet
472Kb / 8P
Supervisory Circuit
PT7M6314US26D3 PERICOM-PT7M6314US26D3 Datasheet
472Kb / 8P
Supervisory Circuit
PT7M6314US26D4 PERICOM-PT7M6314US26D4 Datasheet
472Kb / 8P
Supervisory Circuit
More results


Similar Description - PT7M6314US

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
Supervisory Circuit
PT7M1818 PERICOM-PT7M1818 Datasheet
286Kb / 6P
Supervisory Circuit
PT7M7433 PERICOM-PT7M7433 Datasheet
359Kb / 7P
Supervisory Circuit
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
Supervisory Circuit
PT7M6314US PERICOM-PT7M6314US Datasheet
472Kb / 8P
Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
Supervisory Circuit
logo
Diodes Incorporated
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
Supervisory Circuit
March 2021 Rev 2-2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com