Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7M6518 Datasheet (PDF) - Diodes Incorporated

PT7M6518 Datasheet PDF - Diodes Incorporated
Part # PT7M6518
Download  PT7M6518 Download
File Size   998.16 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Voltage Detector with Adjustable Delay Time

PT7M6518 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT7M6518 Datasheet PDF - Diodes Incorporated

Part # PT7M6518
Download  PT7M6518 Click to download

File Size   998.16 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Voltage Detector with Adjustable Delay Time

PT7M6518 Datasheet (HTML) - Diodes Incorporated


PT7M6518 Product details

Features
- Operate from VCC of 1.2V to 5.5V
- Capacitor-Adjustable Delay
- Active-High/-Low Output Options
- Open-Drain /Push-Pull Output Options
- Detect Voltage Threshold Accurate: 2.5% in
Temperature from -40°C to +85°C
- Low Supply Current (2μA, Typ.)
- Ultra-Small 4-Pin UDFN Package or SOT23-
Package or SC70-4 package

Applications
- Computers/Servers/Networking
- Medical Equipment
- Critical μP Monitoring
- Intelligent Instruments
- Set-Top Boxes/Portable Equipment




Similar Part No. - PT7M6518

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
PT7M6518CHC4E PERICOM-PT7M6518CHC4E Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
PT7M6518CHTA5E PERICOM-PT7M6518CHTA5E Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
PT7M6518CHXVE PERICOM-PT7M6518CHXVE Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
PT7M6518CLC4E PERICOM-PT7M6518CLC4E Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
More results


Similar Description - PT7M6518

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
Low Voltage Detector IC with Adjustable Output Delay
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
VOLTAGE DETECTOR IC with adjustable delay time
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
Voltage Detector with Delay Time Adjustable
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
Voltage Detector with Delay Time Adjustable
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com