Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN6701B Datasheet (PDF) - Tachyonics CO,. LTD

THN6701B Datasheet PDF - Tachyonics CO,. LTD
Part # THN6701B
Download  THN6701B Download
File Size   253.73 Kbytes
Page   6 Pages
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD
Description NPN SiGe RF POWER TRANSISTOR

THN6701B Datasheet (PDF)

Go To PDF Page Download Datasheet
THN6701B Datasheet PDF - Tachyonics CO,. LTD

Part # THN6701B
Download  THN6701B Click to download

File Size   253.73 Kbytes
Page   6 Pages
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD
Description NPN SiGe RF POWER TRANSISTOR

THN6701B Datasheet (HTML) - Tachyonics CO,. LTD


THN6701B Product details

□ Features
- High power gain
   MAG = 15 dB @ VCE = 6 V, IC = 400 mA, f = 465 MHz
- High power
   POUT = 35 dBm(3W) @ VCE = 6 V, ICQ = 50 mA, f = 465 MHz

□ Applications
- UHF and VHF wide band amplifier




Similar Part No. - THN6701B

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
SiGe NPN Transistor
More results


Similar Description - THN6701B

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6601B TACHYONICS-THN6601B Datasheet
280Kb / 7P
NPN SiGe RF TRANSISTOR
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
NPN SiGe RF TRANSISTOR
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
NPN SiGe RF POWER TRANSISTOR
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
NPN SiGe RF POWER TRANSISTOR
THN5602F TACHYONICS-THN5602F Datasheet
280Kb / 6P
NPN SiGe RF POWER TRANSISTOR
THN6201 TACHYONICS-THN6201 Datasheet
251Kb / 13P
NPN SiGe RF TRANSISTOR
THN6301 TACHYONICS-THN6301 Datasheet
206Kb / 11P
NPN SiGe RF TRANSISTOR
THN6501 TACHYONICS-THN6501 Datasheet
231Kb / 13P
NPN SiGe RF TRANSISTOR
logo
STMicroelectronics
START620 STMICROELECTRONICS-START620 Datasheet
30Kb / 5P
NPN SiGe RF Transistor
03-May-2002
logo
Teledyne Technologies I...
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
NPN SiGe RF Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com