Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP182.. Datasheet (PDF) - Vishay Siliconix

TSOP182.. Datasheet PDF - Vishay Siliconix
Part # TSOP182..
Download  TSOP182.. Download
File Size   285.87 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Receiver Modules for Remote Control Systems

TSOP182.. Datasheet (PDF)

Go To PDF Page Download Datasheet
TSOP182.. Datasheet PDF - Vishay Siliconix

Part # TSOP182..
Download  TSOP182.. Click to download

File Size   285.87 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Receiver Modules for Remote Control Systems

TSOP182.. Datasheet (HTML) - Vishay Siliconix


TSOP182.. Product details

DESCRIPTION
The TSOP18... series devices are the latest generation
miniaturized IR receiver modules for infrared remote control
systems. This series provides improvements in sensitivity to
remote control signals in dark ambient as well as in
sensitivity in the presence of optical disturbances e.g. from
CFLs. The robustness against spurious pulses originating
from Wi-Fi signals has been enhanced.
The devices contain a PIN diode and a preamplifier
assembled on a lead frame. The epoxy package contains an
IR filter. The demodulated output signal can be directly
connected to a microprocessor for decoding.
The TSOP182.., TSOP184.., and TSOP186.. series devices
are designed to receive long burst codes (10 or more carrier
cycles per burst). The third digit designates the AGC level
(AGC2, AGC4, or AGC6) and the last two digits designate
the band-pass frequency (see table below). The higher the
AGC, the better noise is suppressed, but the lower the code
compatibility. AGC2 provides basic noise suppression,
AGC4 provides enhanced noise suppression and AGC6
provides maximized noise suppression. Generally, we
advise to select the highest AGC that satisfactorily receives
the desired remote code.
These components have not been qualified to automotive
specifications.

FEATURES
• Improved dark sensitivity
• Improved immunity against optical noise
• Improved immunity against Wi-Fi noise
• Low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Insensitive to supply voltage ripple and noise
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TSOP182..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP181 VISHAY-TSOP181 Datasheet
286Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP181.. VISHAY-TSOP181.. Datasheet
286Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP183 VISHAY-TSOP183 Datasheet
286Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP183.. VISHAY-TSOP183.. Datasheet
286Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
Photo Modules for PCM Remote Control Systems
13-Sep-00
More results


Similar Description - TSOP182..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com