Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN2220-300-99-C0000-R90 Datasheet (PDF) - Schaffner International Ltd

FN2220-300-99-C0000-R90 Datasheet PDF - Schaffner International Ltd
Part # FN2220-300-99-C0000-R90
Download  FN2220-300-99-C0000-R90 Download
File Size   365.48 Kbytes
Page   5 Pages
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd
Description DC-Busbar EMC/RFI Filter for EV charging applications

FN2220-300-99-C0000-R90 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN2220-300-99-C0000-R90 Datasheet PDF - Schaffner International Ltd

Part # FN2220-300-99-C0000-R90
Download  FN2220-300-99-C0000-R90 Click to download

File Size   365.48 Kbytes
Page   5 Pages
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd
Description DC-Busbar EMC/RFI Filter for EV charging applications

FN2220-300-99-C0000-R90 Datasheet (HTML) - Schaffner International Ltd


FN2220-300-99-C0000-R90 Product details

Features and benefits
-FN222X, FN223X and FN224X series of filters
provides state-of-the-art EMI attenuation with a
choice of three performance levels
-The filters are built to fit perfectly to high power EV
charging applications
-The shape allows a convenient and space-saving
installation
-Fulfills the requirements in IEC/EN 61851-23 Electric
vehicle conductive charging system
-Fulfills the requirements in UL 2202 Electric Vehicle
(EV) Charging System Equipment
-FN224X offers voltage and performance ratings of
FN222X on a smaller footprint

Typical applications
-High Power EV DC charging beyond HPC350 (500 A
@ 920 V)
-Two voltage levels (500 VDC and 1000 VDC) for
CHAdeMO and CCS




Similar Part No. - FN2220-300-99-C0000-R90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
N-CHANNEL JUNCTION FET
FN22.2 ETC1-FN22.2 Datasheet
221Kb / 2P
N-CHANNEL JUNCTION FET
FN2200-100-35 ETC2-FN2200-100-35 Datasheet
461Kb / 4P
DC EMC/EMI Filter for PV Inverters
logo
Schaffner International...
FN2200-100-35 SCHAFFNER-FN2200-100-35 Datasheet
1Mb / 5P
EMC/EMI Filter for PV Inverters
logo
List of Unclassifed Man...
FN2200-1000-99 ETC2-FN2200-1000-99 Datasheet
461Kb / 4P
DC EMC/EMI Filter for PV Inverters
More results


Similar Description - FN2220-300-99-C0000-R90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN3258-75-34 ETC2-FN3258-75-34 Datasheet
205Kb / 4P
Ultra-compact EMC/RFI Filter for Motor Drives Applications
FN350-8-29 ETC2-FN350-8-29 Datasheet
551Kb / 4P
Single-phase EMC/RFI Filter for Motor Drives
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
Compact EMC/RFI Filter for Motor Drives
FN-3120 SCHAFFNER-FN-3120 Datasheet
309Kb / 4P
High-Performance EMC/RFI Filter for Drives
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
Compact EMC/RFI Filter for Industrial Motor Drive Applications
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
High-current EMC/RFI Filter
FN3840 SCHAFFNER-FN3840 Datasheet
1Mb / 6P
Book-style EMC/RFI Filter for regenerative drive application
logo
PHOENIX CONTACT
1105880 PHOENIX-1105880 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC40A-5,0M10ASBK11
1236538 PHOENIX-1236538 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC40A-7,0M10ASBK11
1236561 PHOENIX-1236561 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC80A-6,0M6ASBK11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com