Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130910KI Datasheet (PDF) - METZ CONNECT GmbH

130910KI Datasheet PDF - METZ CONNECT GmbH
Part # 130910KI
Download  130910KI Download
File Size   1339.27 Kbytes
Page   10 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description E-DAT modul Cat.6A K jack - Keystone style

130910KI Datasheet (PDF)

Go To PDF Page Download Datasheet
130910KI Datasheet PDF - METZ CONNECT GmbH

Part # 130910KI
Download  130910KI Click to download

File Size   1339.27 Kbytes
Page   10 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description E-DAT modul Cat.6A K jack - Keystone style

130910KI Datasheet (HTML) - METZ CONNECT GmbH


130910KI Product details

Product specification
• modular termination unit Cat.6A, RJ45
• Cat.6A component test according to ISO/IEC 11801, DIN EN 50173-1, ANSI/TIA-568.2-D and IEC 60603-7-51, GHMT certified
• compliance with class EA according to ISO/IEC 11801, DIN EN 50173-1
• tested: Link up to 500 MHz
• suitable for 10 GBit Ethernet (IEEE 802.3an), Remote Powering (PoE, PoE plus, UPoE and 4PPoE) and HDBaseT
• easy to install connection of 2 to 4 pair data cables
• AWG 26/1 to 22/1 (solid wire) and stranded wires with 7 copper conductors AWG 26/7 to 22/7 to insulation displacement connectors (IDC)
• marking of conductor assignment to T568A and T568B
• easy and fast insertion of wire pairs in E-DAT modul stuffer cap
• module housing made of refined zinc die-casting
• mounting without special tools
• strain relief with cable tie at the module
• mounting version: Keystone
• cable feed 180°
• delivery in a 10-piece set, available separately




Similar Part No. - 130910KI

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910KI METZ-130910KI Datasheet
4Mb / 6P
Keystone surface mount housing 2 port pure white, unequipped
2022/07/13 Version: A
130910KI METZ-130910KI Datasheet
1Mb / 5P
Keystone surface mount housing 3 port pure white, unequipped
2022/07/13 Version: I
130910KI METZ-130910KI Datasheet
1Mb / 5P
Keystone surface mount housing 4 port pure white, unequipped
2022/12/15 Version: H
130910KI METZ-130910KI Datasheet
1Mb / 5P
Keystone surface mount housing 6 port pure white, unequipped
2022/12/21 Version: H
130910KI METZ-130910KI Datasheet
2Mb / 5P
Keystone surface mount housing 12 port pure white, unequipped
2022/12/15 Version: H
More results


Similar Description - 130910KI

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910-I-B1 METZ-130910-I-B1 Datasheet
1Mb / 12P
E-DAT modul Cat.6A 8(8) jack, T568B
2023/02/14 Version: AW
130910-I METZ-130910-I Datasheet
1Mb / 12P
E-DAT modul Cat.6A 8(8) jack, T568A
2023/02/14 Version: BC
1309107003-E METZ-1309107003-E Datasheet
333Kb / 8P
REGplus IP20 E-DAT modul
2023/02/14 Version: AM
130910D1APLKE METZ-130910D1APLKE Datasheet
2Mb / 8P
Extension box APZ 1 port E-DAT modul Keystone
2022/12/15 Version: AH
130910D2APLKE METZ-130910D2APLKE Datasheet
1Mb / 8P
Extension box APZ 2 port E-DAT modul keystone
2022/07/14 Version: C
1309A07003-E METZ-1309A07003-E Datasheet
244Kb / 7P
REGplus IP20 E-DAT modul coupler 180°
2023/02/15 Version: AC
1309A17003-E METZ-1309A17003-E Datasheet
243Kb / 7P
REGplus IP20 E-DAT modul coupler 90°
2023/02/15 Version: AB
130B21-E METZ-130B21-E Datasheet
662Kb / 9P
C6Amodul K 180° jack - keystone style
2023/02/15 Version: AQ
130B22-E METZ-130B22-E Datasheet
1Mb / 9P
C6Amodul K 270° jack - keystone style
2023/02/15 Version: AO
130B23-E METZ-130B23-E Datasheet
1Mb / 9P
C6Amodul K 90° jack - keystone style
2023/02/15 Version: AO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com