Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130910-Z Datasheet (PDF) - METZ CONNECT GmbH

130910-Z Datasheet PDF - METZ CONNECT GmbH
Part # 130910-Z
Download  130910-Z Download
File Size   333.76 Kbytes
Page   8 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description REGplus IP20 E-DAT modul

130910-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
130910-Z Datasheet PDF - METZ CONNECT GmbH

Part # 130910-Z
Download  130910-Z Click to download

File Size   333.76 Kbytes
Page   8 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description REGplus IP20 E-DAT modul

130910-Z Datasheet (HTML) - METZ CONNECT GmbH


130910-Z Product details

Product specification
• termination unit for mounting on TH35 rails to DIN EN 60715 in electrical distribution panels for home and industrial installations
• equipped with individual E-DAT modul RJ45 module
• cable feed 45° from the top, plug direction 45° downwards
• Cat.6A component test according to ISO/IEC 11801, DIN EN 50173-1, ANSI/TIA-568.2-D and IEC 60603-7-51, GHMT certified
• compliance with class EA according to ISO/IEC 11801, DIN EN 50173-1
• tested: Link up to 500 MHz
• suitable for 10 GBit Ethernet (IEEE 802.3an), Remote Powering (PoE, PoE plus, UPoE and 4PPoE) and HDBaseT
• easy to install connection of 2 to 4 pair data lines AWG 26/1 - 22/1 and stranded wires with 7 copper conductors AWG 26/7 - 22/7 to BTR
8-fold insulation displacement connectors (IDC)
• marking of conductor assignment to T568A or T568B
• easy and fast insertion of wire pairs in E-DAT modul stuffer cap
• width of 1HP allows mounting up to 12 REG plus in standard electrical distribution panels
• when mounted as a device of protection class I, the equipotential bonding is realized directly over the top hat rail by means of an integrated
equipotential plate. This has to be connected to the equipotential bonding of the building by means of a bonding terminal
• a cover protects the module against direct contact. If mounted in distributor panels with protective insulation, protection class II is guaranteed.
In this case, it is necessary to remove the equipotential bonding spring.
• integrated dust protection cover (also colored)




Similar Part No. - 130910-Z

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910-Z METZ-130910-Z Datasheet
4Mb / 6P
Modul surface mount housing 2 port pure white, unequipped
2022/07/13 Version: B
130910-Z METZ-130910-Z Datasheet
823Kb / 6P
Modul surface mount housing 3 port pure white, unequipped
2022/07/13 Version: Q
130910-Z METZ-130910-Z Datasheet
584Kb / 6P
Modul surface mount housing 4 port pure white, unequipped
2022/07/13 Version: Q
130910-Z METZ-130910-Z Datasheet
1Mb / 6P
Modul surface mount housing 6 port pure white, unequipped
2022/07/13 Version: S
130910-Z METZ-130910-Z Datasheet
1Mb / 6P
Modul surface mount housing 8 port pure white, unequipped
2022/07/13 Version: Q
More results


Similar Description - 130910-Z

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910-I METZ-130910-I Datasheet
1Mb / 12P
E-DAT modul Cat.6A 8(8) jack, T568A
2023/02/14 Version: BC
130910D2APLKE METZ-130910D2APLKE Datasheet
1Mb / 8P
Extension box APZ 2 port E-DAT modul keystone
2022/07/14 Version: C
1309426003-E METZ-1309426003-E Datasheet
959Kb / 7P
E-DAT modul REG 1 port IP20 light gray
2023/01/13 Version: A
1309426103-E METZ-1309426103-E Datasheet
244Kb / 5P
E-DAT modul REG unequipped IP20 light gray
2022/07/15 Version: O
1309427103-E METZ-1309427103-E Datasheet
245Kb / 6P
Modul REGplus IP20 light gray unequipped
2022/07/15 Version: Q
1309A07003-E METZ-1309A07003-E Datasheet
244Kb / 7P
REGplus IP20 E-DAT modul coupler 180°
2023/02/15 Version: AC
1309A1-I METZ-1309A1-I Datasheet
1Mb / 7P
E-DAT modul coupler 8(8) 90° class EA
2022/12/16 Version: AN
1309A17003-E METZ-1309A17003-E Datasheet
243Kb / 7P
REGplus IP20 E-DAT modul coupler 90°
2023/02/15 Version: AB
130B117003-E METZ-130B117003-E Datasheet
250Kb / 8P
REGplus IP20 C6Amodul 180°M
2023/02/15 Version: AB
130B127003-E METZ-130B127003-E Datasheet
254Kb / 8P
REGplus IP20 C6Amodul 270°M
2023/02/15 Version: AE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com