Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130792 Datasheet (PDF) - METZ CONNECT GmbH

130792 Datasheet PDF - METZ CONNECT GmbH
Part # 130792
Download  130792 Download
File Size   442.31 Kbytes
Page   8 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description C6Amodul 24 port 180°M 1RU stainless steel

130792 Datasheet (PDF)

Go To PDF Page Download Datasheet
130792 Datasheet PDF - METZ CONNECT GmbH

Part # 130792
Download  130792 Click to download

File Size   442.31 Kbytes
Page   8 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description C6Amodul 24 port 180°M 1RU stainless steel

130792 Datasheet (HTML) - METZ CONNECT GmbH


130792 Product details

Product specification
• 19 inch 1RU stainless steel module frame with 24 individual modules C6Amodul 180°
• certified to GHMT Cat.6A re-embedded PVP
• Cat.6A component test according to ISO/IEC 11801, DIN EN 50173-1, ANSI/TIA-568.2-D and IEC 60603-7-51, GHMT certified
• compliance with class EA up to 500 MHz according to ISO/IEC 11801, DIN EN 50173-1
• tested: component up to 600 MHz, link up to 800 MHz
• suitable for 10 GBit Ethernet (IEEE 802.3an), Remote Powering (PoE, PoE plus, UPoE and 4PPoE) and HDBaseT
• connection of data lines AWG 26/1 to 22/1 (solid wire) and AWG 26/7 to 22/7 (stranded wire) to insulation displacement connectors (IDC)
• migration to 25G-systems without special tools
• strain relief directly snapped on to stuffer cap of C6Amodul
• optional strain relief on patch panel using cable ties
• grounding bolt M6 x 10 with nut and lock washer
• incl. 30 cm grounding cable
• all fully shielded modules are connected by means of the stainless steel module frame




Similar Part No. - 130792

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130792 METZ-130792 Datasheet
2Mb / 7P
Modul 19 inch module frame 1RU 24 Port light gray unequipped, shielded
2022/07/14 Version: O
130792 METZ-130792 Datasheet
370Kb / 5P
Keystone 19 inch module frame 1RU 24 port light gray unequipped, shielded
2022/07/14 Version: P
130792 METZ-130792 Datasheet
3Mb / 6P
Modul 19 inch module frame 1RU 24 port black unequipped, shielded
2022/07/14 Version: O
130792 METZ-130792 Datasheet
642Kb / 6P
Modul 19 inch module frame 1RU 24 port stainless steel unequipped
2022/07/14 Version: L
130792 METZ-130792 Datasheet
2Mb / 5P
Keystone 19 inch module frame 1RU 24 port stainless steel unequipped
2022/12/16 Version: Q
More results


Similar Description - 130792

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130921-00-E METZ-130921-00-E Datasheet
642Kb / 6P
Modul 19 inch module frame 1RU 24 port stainless steel unequipped
2022/07/14 Version: L
130A21-00-E METZ-130A21-00-E Datasheet
2Mb / 5P
Keystone 19 inch module frame 1RU 24 port stainless steel unequipped
2022/12/16 Version: Q
130B117003-E METZ-130B117003-E Datasheet
250Kb / 8P
REGplus IP20 C6Amodul 180°M
2023/02/15 Version: AB
130B11D11102-E METZ-130B11D11102-E Datasheet
2Mb / 9P
C6Amodul 1 port 180°M UPk pure white
2022/07/15 Version: AC
130B11D11200-E METZ-130B11D11200-E Datasheet
2Mb / 9P
C6Amodul 1 port 180°M UP0
2022/07/15 Version: AE
130B11D20002-E METZ-130B11D20002-E Datasheet
462Kb / 8P
C6Amodul 2 port 180°M AP pure white
2022/07/15 Version: AF
130B11D21002-E METZ-130B11D21002-E Datasheet
369Kb / 9P
C6Amodul 2 port 180°M UP pure white
2023/02/02 Version: AE
130B11D21200-E METZ-130B11D21200-E Datasheet
443Kb / 9P
C6Amodul 2 port 180°M UP0
2023/02/02 Version: AF
130B11D31002-E METZ-130B11D31002-E Datasheet
378Kb / 9P
C6Amodul 3 port 180°M UP pure white
2023/02/02 Version: AE
130B11P0-E METZ-130B11P0-E Datasheet
438Kb / 8P
C6Amodul 24 port 180°M 1RU
2023/02/15 Version: Z
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com