Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15090302-I Datasheet (PDF) - METZ CONNECT GmbH

15090302-I Datasheet PDF - METZ CONNECT GmbH
Part # 15090302-I
Download  15090302-I Download
File Size   512.48 Kbytes
Page   5 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description OpDAT REGpro housing with splice tray and crimp splice holder

15090302-I Datasheet (PDF)

Go To PDF Page Download Datasheet
15090302-I Datasheet PDF - METZ CONNECT GmbH

Part # 15090302-I
Download  15090302-I Click to download

File Size   512.48 Kbytes
Page   5 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description OpDAT REGpro housing with splice tray and crimp splice holder

15090302-I Datasheet (HTML) - METZ CONNECT GmbH


15090302-I Product details

Product specification
• splice distributor for TH35 rail without front cover
• gray housing
• with or without splice tray with crimp splice holder (CSH) for up to 12 splices
• installation of two shrink splice holders (SSH)on splice tray is possible
• with fiber reservoir
• custom-labeled identification strips
• fastening on top hat rail by means of very sturdy top hat rail holder
• various mounting versions on rail
• for different front plates 3RU/7HP
• cable feed from top or bottom, straight or inclined, with M20 cable gland (up to 2 possible)
• width: 50 mm, height: 128 mm, depth: 132.5 mm (from rail, without adapters)
• feed of pre-terminated cables is possible
• one cable gland M20 with strain relief included in the delivery
• housing cover fastening by means of just one screw
• variants: with and without splice tray
• Please note: not all front plates 3RU/7HP available on the market can be used for OpDAT REGpro. If pre-terminated cables are used, we
recommend the version without splice tray.




Similar Part No. - 15090302-I

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
15090350 CML-15090350 Datasheet
256Kb / 1P
MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
15090351 CML-15090351 Datasheet
256Kb / 1P
MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
15090352 CML-15090352 Datasheet
256Kb / 1P
MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1509035X CML-1509035X Datasheet
256Kb / 1P
MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
More results


Similar Description - 15090302-I

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0049 MOLEXKITS-76650-0049 Datasheet
37Kb / 1P
Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
logo
Richco, Inc.
OFSH-4-1-01LA RICHCO-OFSH-4-1-01LA Datasheet
32Kb / 1P
OPTICAL FIBER SPLICE HOLDER
logo
PANDUIT CORP.
D-406-0034 PANDUIT-D-406-0034 Datasheet
94Kb / 1P
DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
D-436-36-COLD PANDUIT-D-436-36-COLD Datasheet
33Kb / 1P
IMMERSION RESISTANT CRIMP SPLICE 150 DEG C, ROHS COMPLIANT COLD APPLIED SPLICE
logo
Tyco Electronics
63130-2 MACOM-63130-2 Datasheet
56Kb / 1P
SPLICE
logo
List of Unclassifed Man...
AX103912 ETC2-AX103912 Datasheet
97Kb / 2P
Faceplates and Panels - FiberExpress Ultra Splice Tray 8 inches
AX103914 ETC2-AX103914 Datasheet
96Kb / 2P
Faceplates and Panels - FiberExpress Ultra Splice Tray 12 inches
logo
TE Connectivity Ltd
408-1632 TEC-408-1632 Datasheet
435Kb / 11P
Terminal and Splice
63625 TEC-63625 Datasheet
46Kb / 1P
SPLICE
logo
METZ CONNECT GmbH
15024B10S-S METZ-15024B10S-S Datasheet
347Kb / 5P
OpDAT REG Splice Distributor for shrink splice holder
2022/11/11 Version: Q
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com