Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1003468 Datasheet (PDF) - AVX Corporation

1003468 Datasheet PDF - AVX Corporation
Part # 1003468
Download  1003468 Download
File Size   869.92 Kbytes
Page   3 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Wi-Fi/BT/Zigbee Ceramic Patch 2.4 GHz Antenna

1003468 Datasheet (PDF)

Go To PDF Page Download Datasheet
1003468 Datasheet PDF - AVX Corporation

Part # 1003468
Download  1003468 Click to download

File Size   869.92 Kbytes
Page   3 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Wi-Fi/BT/Zigbee Ceramic Patch 2.4 GHz Antenna

1003468 Datasheet (HTML) - AVX Corporation


1003468 Product details

APPLICATIONS
•Embedded design
•POS,Headsets,Tablets
•Gateway, Access Point
•Handheld
•Tele matic s
•Tracking
•Health care
•M2M,Industrial devices
•Smart Grid
•OBD-II




Similar Part No. - 1003468

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1003461051 MOLEX1-1003461051 Datasheet
50Kb / 1P
zQSFP-to-2 zQSFP Passive Cable Assembly, 100 Gbps-to-(2) 50 Gbps, 30 AWG
1003461051 MOLEX-1003461051 Datasheet
380Kb / 3P
ZQSFP TO 2X ZQSFP BREAKOUT CABLE ASSEMBLY
2022/10/12
1003461056 MOLEX-1003461056 Datasheet
49Kb / 1P
zQSFP-to-2 zQSFP Passive Cable Assembly, 100 Gbps-to-(2) 50 Gbps, Low-smoke Zero-halogen Cable, 30 AWG, 0.5m Length
1003461071 MOLEX-1003461071 Datasheet
380Kb / 3P
ZQSFP TO 2X ZQSFP BREAKOUT CABLE ASSEMBLY
2022/10/12
1003461076 MOLEX-1003461076 Datasheet
49Kb / 1P
zQSFP-to-2 zQSFP Passive Cable Assembly, 100 Gbps-to-(2) 50 Gbps, Low-smoke Zero-halogen Cable, 30 AWG, 0.75m Length
More results


Similar Description - 1003468

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10001-SB WPI-WPANT10001-SB Datasheet
284Kb / 5P
2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
WPANT10002-SB WPI-WPANT10002-SB Datasheet
248Kb / 5P
2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
WPANT10019-CC WPI-WPANT10019-CC Datasheet
218Kb / 3P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10020-CB WPI-WPANT10020-CB Datasheet
190Kb / 3P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10053-C1A WPI-WPANT10053-C1A Datasheet
138Kb / 3P
2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
WPANT10019 WPI-WPANT10019 Datasheet
227Kb / 3P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10069 WPI-WPANT10069 Datasheet
77Kb / 2P
Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
Wi-Fi / BT / ZigBee Antenna
logo
AVX Corporation
1001312 AVX-1001312 Datasheet
1Mb / 9P
Wi -Fi/BT/Zigbee Zigbee or UWB Ceramic Antenna
8/4/2022 Rev. 1
M830320 AVX-M830320 Datasheet
1Mb / 6P
Wi-Fi / BT / Zigbee Ceramic Antenna
5/4/2021
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com