Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP40 Datasheet (PDF) - Vishay Siliconix

TSSP40 Datasheet PDF - Vishay Siliconix
Part # TSSP40
Download  TSSP40 Download
File Size   173.25 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications

TSSP40 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSSP40 Datasheet PDF - Vishay Siliconix

Part # TSSP40
Download  TSSP40 Click to download

File Size   173.25 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications

TSSP40 Datasheet (HTML) - Vishay Siliconix


TSSP40 Product details

DESCRIPTION
The TSSP40.. series are compact infrared detector modules
for presence and fast proximity sensing applications. They
provide an active low output in response to infrared bursts
at 940 nm. The frequency of the burst should correspond to
the carrier frequency shown in the parts table.
This component has not been qualified according to
automotive specifications.

FEATURES
• Presence sensor: up to 2 m distance,
find more info at: www.vishay.com/doc?49009
• Light barrier: up to 12 m distance, TSAL6200
with IF = 50 mA,
find more info at: www.vishay.com/doc?49650
• Fast proximity: up to 2 m range at 5 ms
response time,
find more info at: www.vishay.com/doc?82741
• Supply voltage: 2.0 V to 5.5 V
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - TSSP40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP40 VISHAY-TSSP40 Datasheet
107Kb / 6P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
11-Dec-15
TSSP40..SS1XB VISHAY-TSSP40..SS1XB Datasheet
181Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Aug-2022
TSSP4038 VISHAY-TSSP4038 Datasheet
105Kb / 5P
IR Receiver Module for Light Barrier Systems
13-Mar-12
TSSP4038SS1XB VISHAY-TSSP4038SS1XB Datasheet
115Kb / 5P
IR Receiver Module for Light Barrier Systems
19-Oct-16
TSSP4056SS1XB VISHAY-TSSP4056SS1XB Datasheet
115Kb / 5P
IR Receiver Module for Light Barrier Systems
19-Oct-16
More results


Similar Description - TSSP40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP40 VISHAY-TSSP40 Datasheet
107Kb / 6P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
11-Dec-15
TSSP60 VISHAY-TSSP60 Datasheet
313Kb / 11P
IR Sensor Module for Reflective Sensor, Light Barrier,and Fast Proximity Applications
14-Sep-17
TSSP530DF1P VISHAY-TSSP530DF1P Datasheet
220Kb / 7P
IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
17-Jan-2023
TSSP530 VISHAY-TSSP530_V01 Datasheet
197Kb / 7P
IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
02-Feb-2023
TSSP60 VISHAY-TSSP60_V01 Datasheet
382Kb / 12P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
16-Aug-2022
TSSP770 VISHAY-TSSP770_V01 Datasheet
440Kb / 12P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
16-Aug-2022
TSSP930 VISHAY-TSSP930_V01 Datasheet
218Kb / 7P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
30-Jul-2021
TSSP950 VISHAY-TSSP950 Datasheet
373Kb / 11P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
22-Jul-2021
TSSP960 VISHAY-TSSP960_V01 Datasheet
333Kb / 11P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
22-Jul-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com