Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP Datasheet (PDF) - Isabellenhütte Heusler GmbH & Co. KG

FMP Datasheet PDF - Isabellenhütte Heusler GmbH & Co. KG
Part # FMP
Download  FMP Download
File Size   606.97 Kbytes
Page   4 Pages
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG
Description 2 mOhms ±1% 3.5W Chip Resistor 2010 (5025 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding

FMP Datasheet (PDF)

Go To PDF Page Download Datasheet
FMP Datasheet PDF - Isabellenhütte Heusler GmbH & Co. KG

Part # FMP
Download  FMP Click to download

File Size   606.97 Kbytes
Page   4 Pages
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG
Description 2 mOhms ±1% 3.5W Chip Resistor 2010 (5025 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding

FMP Datasheet (HTML) - Isabellenhütte Heusler GmbH & Co. KG


FMP Product details

Features
▪ Power rating up to 4 W at 70°C (1.5 mOhm)
▪ Constant current up to 50 A (1.5 mOhm)
▪ Standard pad size (2010)
▪ High pulse power rating
▪ Excellent long-term stability
▪ Mounting: Reflow- and IR-soldering
▪ AEC-Q200 qualification in preparation
▪ RoHS 2011/65/EU compliant

Applications
▪ Current sensor for power hybrid applications
▪ Control systems for the automotive market
▪ Power modules
▪ Frequency converters
▪ Switch mode power supplies




Similar Part No. - FMP

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
FMP YAGEO-FMP Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
logo
3M Electronics
FMP-12C5 3M-FMP-12C5 Datasheet
1Mb / 4P
3M™ Eco SPP3 19" Fibre Optic Patch Panels
06.2008
FMP-12C5OM3 3M-FMP-12C5OM3 Datasheet
1Mb / 4P
3M™ Eco SPP3 19" Fibre Optic Patch Panels
06.2008
FMP-12C6 3M-FMP-12C6 Datasheet
1Mb / 4P
3M™ Eco SPP3 19" Fibre Optic Patch Panels
06.2008
FMP-12C9 3M-FMP-12C9 Datasheet
1Mb / 4P
3M™ Eco SPP3 19" Fibre Optic Patch Panels
06.2008
More results


Similar Description - FMP

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
Pulse Withstanding Chip Resistor
logo
Isabellenhütte Heu...
FMK ISABELLENHUETTE-FMK Datasheet
623Kb / 4P
2 mOhms ±1% 3.5W Chip Resistor 1206 (3216 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
17-April-2020
FMS ISABELLENHUETTE-FMS Datasheet
607Kb / 4P
2 mOhms ±1% 3.5W Chip Resistor 2512 (6432 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
11-November-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com