Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8310DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8310DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8310DI
Download  AOZ8310DI Download
File Size   342.83 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description One-Line Surge Protection High-Power TVS

AOZ8310DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8310DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8310DI
Download  AOZ8310DI Click to download

File Size   342.83 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description One-Line Surge Protection High-Power TVS

AOZ8310DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8310DI Product details

General Description
The AOZ8310DI is a series of one-line, high-power transient
voltage suppressor designed to protect power rail/
bus from surge and ESD events, with an operating voltage
range from 2.5V to 36V.
This device incorporates one unidirectional TVS diode in
an ultra-small 1.6mm x 1.0mm DFN package. It may be
used to meet the ESD immunity requirements of IEC
61000-4-2, Level 4 (±15kV air, ±8kV contact discharge).
The AOZ8310DI comes in an RoHS compliant package
and is rated over a -40°C to +125°C ambient temperature
range.

Features
 Surge protection for power rail
 IEC 61000-4-5 8/20μs 22-85A
 IEC 61000-4-2 (ESD) ±30kV (air and contact)
 Human body model (HBM) ±30kV
 IEC 61000-4-4 (EFT) 80A (5/50ns)
 Peak pulse power 1100W to 1500W
 Operating voltage: 2.5V, 5V, 8V, 9V, 12V, 18V, 20V,
26V, 36V
 Green product

Applications
 USB voltage bus
 Battery protection
 Mobile devices
 Screen panels
 Other power rails




Similar Part No. - AOZ8310DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8310ADI-04 AOSMD-AOZ8310ADI-04 Datasheet
567Kb / 5P
Single Channel High Surge Power TVS
Rev. 1.0 March 2020
More results


Similar Description - AOZ8310DI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3S1U2LP1610Q DIODES-D3V3S1U2LP1610Q Datasheet
404Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
August 2022 Rev. 2 - 2
D5V0H1U2LP1610Q DIODES-D5V0H1U2LP1610Q Datasheet
410Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2021 Rev. 1 - 2
D12V0S1U2LP1608 DIODES-D12V0S1U2LP1608 Datasheet
401Kb / 5P
ONE CHANNEL HIGH SURGE TVS DIODE
September 2021 Rev. 2 - 2
D12V0S1U2LP1610 DIODES-D12V0S1U2LP1610 Datasheet
285Kb / 5P
ONE CHANNEL HIGH SURGE TVS DIODE
July 2021 Rev. 4 - 2
D12V0S1U2LP1610Q DIODES-D12V0S1U2LP1610Q Datasheet
533Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev. 1 - 2
D15V0S1U2LP1608A DIODES-D15V0S1U2LP1608A Datasheet
430Kb / 5P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2021 Rev. 1 - 2
D20V0S1U2LP1610Q DIODES-D20V0S1U2LP1610Q Datasheet
516Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev. 1 - 2
D24V0S1U2LP1610Q DIODES-D24V0S1U2LP1610Q Datasheet
516Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev. 1 - 2
D24V0S1U2TQ DIODES-D24V0S1U2TQ Datasheet
298Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev. 1 - 2
D36V0S1U2LP1610Q DIODES-D36V0S1U2LP1610Q Datasheet
565Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
June 2021 Rev. 1 - 2
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com