Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIE-1672PC-AE Datasheet (PDF) - Advantech Co., Ltd.

PCIE-1672PC-AE Datasheet PDF - Advantech Co., Ltd.
Part # PCIE-1672PC-AE
Download  PCIE-1672PC-AE Download
File Size   845.11 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Micro Computer, Intel® Core™ i7/i5/i3 CPU, H81, 4 Expansions 2PCI/2PCIe, 300W 80Plus PSU

PCIE-1672PC-AE Datasheet (PDF)

Go To PDF Page Download Datasheet
PCIE-1672PC-AE Datasheet PDF - Advantech Co., Ltd.

Part # PCIE-1672PC-AE
Download  PCIE-1672PC-AE Click to download

File Size   845.11 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Micro Computer, Intel® Core™ i7/i5/i3 CPU, H81, 4 Expansions 2PCI/2PCIe, 300W 80Plus PSU

PCIE-1672PC-AE Datasheet (HTML) - Advantech Co., Ltd.


PCIE-1672PC-AE Product details

Features
ƒƒ Intel® H81 Platform
––Intel® 4th gen Core™ i7/i5/i3 CPU (LGA1150)
––Two PCIe (x16/x1) & two PCI Expansion Slots
ƒƒ Compact & Rich I/O Configuration
––One internal 3.5" SATA HDD bays with shock-resistant
––Optional front removable 2.5" HDD bay
––VGA, 2 GbE LAN, 4 USB2.0, 2 COM
––Easy-to-maintain system fan and reusable filter
ƒƒ Energy Savings
––300W 80Plus PSU




Similar Part No. - PCIE-1672PC-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-1672PC-AE ADVANTECH-PCIE-1672PC-AE Datasheet
955Kb / 2P
Micro Computer, Intel® Core™ i7/i5/i3 CPU, H81, 2 Expansions, 250W 80Plus PSU
23-Oct-2020
More results


Similar Description - PCIE-1672PC-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMC-3200 ADVANTECH-AIMC-3200_V01 Datasheet
1Mb / 2P
Micro Computer, Intel짰 Core??i7/i5/i3 CPU, 2 Expansions, 250W 80Plus PSU
23-Oct-2020
AIIS-1240 ADVANTECH-AIIS-1240 Datasheet
1Mb / 2P
PoE Compact System, Supports Intel® Core™ i7/i5/i3 CPU, 4-CH GbE PoE
8-Oct-2018
AIMC-3201 ADVANTECH-AIMC-3201 Datasheet
955Kb / 2P
Micro Computer, Intel® Core™ i7/i5/i3 CPU, H81, 2 Expansions, 250W 80Plus PSU
23-Oct-2020
AIMC-3202 ADVANTECH-AIMC-3202 Datasheet
1Mb / 3P
Micro Computer with Intel® Core™ i7/i5/i3 Processor, Intel® H110 Chipset, 2 x Expansion Slots, and 250W 80PLUS PSU
19-Oct-2022
AIMC-3402 ADVANTECH-AIMC-3402 Datasheet
1Mb / 2P
Front Access Micro Computer, Intel Core i7/i5/i3 CPU with 10 COM, 8 USB and 4 Expansion
20-Jul-2016
AIMC-3422 ADVANTECH-AIMC-3422 Datasheet
782Kb / 2P
Micro Computer with Intel® Core™ i7/i5/i3 Processor, Intel® H110 Chipset, 4 x Expansion Slots, and 300W 80PLUS PSU
2-Sep-2021
logo
AAEON Technology
GENE-TGU6 AAEON-GENE-TGU6 Datasheet
846Kb / 2P
3.5” SubCompact Board with 11th Generation Intel® Core™ i7/i5/i3/Celeron CPU
2022/10/25
BOXER-6646-ADP AAEON-BOXER-6646-ADP Datasheet
1Mb / 2P
Fanless Compact Embedded Computer with 12 Generation Intel® Core™ i7/i5/i3 Processor
2022/12/12
logo
BCM Advanced Research.
ECM-SKLH BCM-ECM-SKLH Datasheet
344Kb / 1P
6th Gen Intel®Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM170 Chipset
ECM-SKLU BCM-ECM-SKLU Datasheet
360Kb / 1P
6th Gen Intel® Core™ SoC Processor i7/i5/i3 3.5”Micro Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com