Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE104C Datasheet (PDF) - List of Unclassifed Manufacturers

VRE104C Datasheet PDF - List of Unclassifed Manufacturers
Part # VRE104C
Download  VRE104C Download
File Size   250.71 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description VRE104

VRE104C Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE104C Datasheet PDF - List of Unclassifed Manufacturers

Part # VRE104C
Download  VRE104C Click to download

File Size   250.71 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description VRE104

VRE104C Datasheet (HTML) - List of Unclassifed Manufacturers


VRE104C Product details

[THALER CORPORATION]

DESCRIPTION
VRE104 Series Precision Voltage References provide ultrastable +4.500 V outputs with up to ±0.4 mV initial accuracy and temperature coefficient as low as 0.6 ppm/°C over the full military temperature range.
These references are specifically designed to be used with the Crystal Semiconductor line of successive-approximation type Analog to Digital Converters (ADCs). This line of ADCs sets new standards for temperature drift, which can only be as good as the external reference used. The Thaler VRE104 combined with a Crystal ADC will provide the lowest drift data conversion obtainable.

FEATURES
• VERY HIGH ACCURACY: 4.5000 V OUTPUT ±0.4 mV
• EXTREMELY LOW DRIFT: 0.6 ppm/°C -55°C to +125°C
• EXCELLENT STABILITY: 6 ppm/1000 Hrs. Typ.
• EXCELLENT LINE REGULATION: 6 ppm/V Typ.
• WIDE SUPPLY RANGE: +13.5 to +22.0 V
• HERMETIC 14-PIN CERAMIC DIP
• MILITARY PROCESSING OPTIONS

APPLICATIONS
• PRECISION A/D and D/A CONVERTERS
• TRANSDUCER EXCITATION
• ACCURATE COMPARATOR THRESHOLD REFERENCE
• HIGH RESOLUTION SERVO SYSTEMS
• DIGITAL VOLTMETERS
• HIGH PRECISION TEST and MEASUREMENT INSTRUMENTS




Similar Part No. - VRE104C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104C CIRRUS-VRE104C Datasheet
643Kb / 5P
Precision Voltage Reference
VRE104C CIRRUS-VRE104C Datasheet
716Kb / 5P
Precision Voltage Reference
VRE104CA CIRRUS-VRE104CA Datasheet
643Kb / 5P
Precision Voltage Reference
VRE104CA CIRRUS-VRE104CA Datasheet
716Kb / 5P
Precision Voltage Reference
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com