Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL223AT Datasheet (PDF) - Vishay Siliconix

IL223AT Datasheet PDF - Vishay Siliconix
Part # IL223AT
Download  IL223AT Download
File Size   119.97 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection

IL223AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IL223AT Datasheet PDF - Vishay Siliconix

Part # IL223AT
Download  IL223AT Click to download

File Size   119.97 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection

IL223AT Datasheet (HTML) - Vishay Siliconix


IL223AT Product details

DESCRIPTION
The IL221AT/IL222AT/IL223AT is a high current transfer
ratio (CTR) optocoupler with a gallium arsenide infrared LED
emitter and a silicon NPN photodarlington transistor
detector.
The device has a CTR tested at 1.0 mA LED current. This
low drive current permits easy interfacing from CMOS to
LSTTL or TTL.
This optocoupler is constructed in a standard SOIC-8 foot
print which makes it ideally suited for high density
applications. In addition to eliminating through-hole
requirements, this package conforms to standards for
surface mount devices.

FEATURES
• Isolation test voltage, 4000 VRMS
• Industry standard SOIC-8 surface mountable
package
• Standard lead spacing, 0.05"
• Available only on tape and reel (conforms to
EIA standard RS481A)
• Compatible with dual wave, vapor phase and IR reflow
soldering
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC




Similar Part No. - IL223AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL223AT SIEMENS-IL223AT Datasheet
54Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL223AT VISHAY-IL223AT Datasheet
127Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
IL223AT VISHAY-IL223AT Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
More results


Similar Description - IL223AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output, High Gain, With Base Connection
26-Oct-04
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
Optocoupler, Photodarlington Output, High Gain, with Base Connection
08-May-08
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
Optocoupler, Photodarlington Output, High Gain, with Base Connection
09-Jan-08
VO221AT VISHAY-VO221AT Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
Optocoupler, Photodarlington Output, High Gain With Base Connection
15-Feb-11
IL221AT VISHAY-IL221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
VO221AT VISHAY-VO221AT_V02 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
Optocoupler, Photodarlington Output, High Gain, With Base Connection
30-Nov-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com