Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR1000 Datasheet (PDF) - Mimix Broadband

XR1000 Datasheet PDF - Mimix Broadband
Part # XR1000
Download  XR1000 Download
File Size   490.87 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 17.0-27.0 GHz GaAs MMIC Receiver

XR1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR1000 Datasheet PDF - Mimix Broadband

Part # XR1000
Download  XR1000 Click to download

File Size   490.87 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 17.0-27.0 GHz GaAs MMIC Receiver

XR1000 Datasheet (HTML) - Mimix Broadband


XR1000 Product details

General Description
Mimix Broadband’s 17.0-27.0 GHz GaAs MMIC receiver has a small signal conversion gain of 10.0 dB with a noise figure of 3.5 dB and 15.0 dB image rejection across the band. The device is a three stage LNA followed by an image reject fundamental mixer using Lange couplers to improve bandwidth. The image reject mixer eliminates the need for a bandpass filter after the LNA to remove thermal noise at the image frequency. I and Q mixer outputs are provided and an external 90 degree hybrid is required to select the desired sideband. This MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
• Fundamental Integrated Receiver
• 10.0 dB Conversion Gain
• 3.5 dB Noise Figure
• 15.0 dB Image Rejection
• 60.0 dB LO/RF Isolation
• 100% On-Wafer RF and DC Testing
• 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XR1000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1001 MIMIX-XR1001 Datasheet
1Mb / 8P
33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD MIMIX-XR1001-BD Datasheet
288Kb / 8P
33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD-000V MIMIX-XR1001-BD-000V Datasheet
288Kb / 8P
33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD-000W MIMIX-XR1001-BD-000W Datasheet
288Kb / 8P
33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD-EV1 MIMIX-XR1001-BD-EV1 Datasheet
288Kb / 8P
33.0-40.0 GHz GaAs MMIC Receiver
More results


Similar Description - XR1000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
11.0-17.0 GHz GaAs MMIC Receiver
XU1000 MIMIX-XU1000 Datasheet
264Kb / 5P
17.0-27.0 GHz GaAs MMIC Transmitter
XR1007_0610 MIMIX-XR1007_0610 Datasheet
443Kb / 8P
11.0-17.0 GHz GaAs MMIC Receiver
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
27.0-35.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_10 Datasheet
1Mb / 10P
27.0-32.0 GHz GaAs MMIC
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
11.0-17.0 GHz GaAs MMIC
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
13.5-17.0/27.0-34.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
27.0-35.0 GHz GaAs MMIC
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
17.0-24.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com