Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7448991015 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7448991015 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7448991015
Download  7448991015 Download
File Size   645.57 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MCRI SMT Molded Coupled Inductor

7448991015 Datasheet (PDF)

Go To PDF Page Download Datasheet
7448991015 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7448991015
Download  7448991015 Click to download

File Size   645.57 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MCRI SMT Molded Coupled Inductor

7448991015 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7448991015 Product details

General Information:
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 7448991015

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7448991010 WURTH-7448991010 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
More results


Similar Description - 7448991015

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7448991010 WURTH-7448991010 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
7448991022 WURTH-7448991022 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.002
7448991027 WURTH-7448991027 Datasheet
644Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
7448991033 WURTH-7448991033 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
7448991047 WURTH-7448991047 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
7448991068 WURTH-7448991068 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.002
7448991082 WURTH-7448991082 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
7448991150 WURTH-7448991150 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
7448991220 WURTH-7448991220 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
7448991470 WURTH-7448991470 Datasheet
644Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com