Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4035 Datasheet (PDF) - EM Microelectronic - MARIN SA

EM4035 Datasheet PDF - EM Microelectronic - MARIN SA
Part # EM4035
Download  EM4035 Download
File Size   93.53 Kbytes
Page   1 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description 13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device

EM4035 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM4035 Datasheet PDF - EM Microelectronic - MARIN SA

Part # EM4035
Download  EM4035 Click to download

File Size   93.53 Kbytes
Page   1 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description 13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device

EM4035 Datasheet (HTML) - EM Microelectronic - MARIN SA


EM4035 Product details

General Description

The EM4035 is a CMOS integrated circuit intended for use in contactless Read/Write transponders. The EM4035 is completely ISO15693 compliant and is a member of ISO 15693 standard passive Read/Write RF tags operating at 13.56MHz.

The Chip contains an implementation of a crypto-algorithm with 96 bit of user configurable secret-Keys contained in EEPROM.



Features

■ ISO15693 Standard: Fully Compliant

■ Operating Frequency: 13.56MHz ± 7KHz

■ 64-bit Unique Identifier (UID)

■ 3.2K bit EEPROM organised in 50 words of 64 bits

■ Support Application Field Identifier (AFI)

■ Smart Electronic Article Surveillance (EAS)

■ On Chip Crypto-Algorithm

■ Mutual authentication using symetrical challenge / response exchange

■ Power-check for EEPROM write operation

■ Resonant capacitor integrated on chip 28pF or 95pF (selectable by mask option)

■ No external supply buffer capacitor needed

■ Very low Power consumption (no battery needed)

■ -40 to +85°C Temperature range

■ Bonding pads optimised for flip-chip assembly



Applications

■ High security hands-free access Control

■ Anti-counterfeiting

■ Ticketing

■ Asset management



 




Similar Part No. - EM4035

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Similar Description - EM4035

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4135 EMMICRO-EM4135 Datasheet
76Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
13.56MHz 64 Data bit Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
Crypto Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com