Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4006F9WS11E Datasheet (PDF) - EM Microelectronic - MARIN SA

EM4006F9WS11E Datasheet PDF - EM Microelectronic - MARIN SA
Part # EM4006F9WS11E
Download  EM4006F9WS11E Download
File Size   88.82 Kbytes
Page   10 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description 13.56 MHz 64 Data bit Read Only Contactless Identification Device

EM4006F9WS11E Datasheet (PDF)

Go To PDF Page Download Datasheet
EM4006F9WS11E Datasheet PDF - EM Microelectronic - MARIN SA

Part # EM4006F9WS11E
Download  EM4006F9WS11E Click to download

File Size   88.82 Kbytes
Page   10 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description 13.56 MHz 64 Data bit Read Only Contactless Identification Device

EM4006F9WS11E Datasheet (HTML) - EM Microelectronic - MARIN SA


EM4006F9WS11E Product details

Description
The EM4006 (previously named H4006) is a CMOS integrated circuit intended for use in electronic Read Only transponders.
The exited coil connected to the device generates the power supply via a rectifier and an integrated decoupling capacitor. The clock used for the logic is also extracted from the coil. The logic is mainly composed by a miller code generator and the LROM control. The memory is factory programmed so that each IC is unique.

Features
◾ Operating frequency range 10 MHz to 15 MHz
◾ RF interface optimized for 13.56 MHz operation
◾ Laser programmed memory array (64 data bit + 16 CRC bit)
◾ Modulator switch designed to preserve supply voltage
◾ Miller coding
◾ Default data rate is 26484 Baud
◾ Other data rates possible (mask programmable)
◾ On chip rectifier
◾ On chip resonant capacitor
◾ On chip supply buffer capacitor

Applications
◾ Logistics automation
◾ Anticounterfeiting
◾ Access control
◾ Industrial transponder




Similar Part No. - EM4006F9WS11E

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
Surge arrester 2-electrode arrester
EM400X EPCOS-EM400X Datasheet
123Kb / 4P
Surge arrester 2-electrode arrester
More results


Similar Description - EM4006F9WS11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
13.56MHz 64 Data bit Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
128 bit Read Only Low Frequency Contactless Identification Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com