Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC-330 Datasheet (PDF) - Advantech Co., Ltd.

MIC-330 Datasheet PDF - Advantech Co., Ltd.
Part # MIC-330
Download  MIC-330 Download
File Size   719.75 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 3U CompactPCI® Serial Intel® 9th Gen. Processor Blade

MIC-330 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC-330 Datasheet PDF - Advantech Co., Ltd.

Part # MIC-330
Download  MIC-330 Click to download

File Size   719.75 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 3U CompactPCI® Serial Intel® 9th Gen. Processor Blade

MIC-330 Datasheet (HTML) - Advantech Co., Ltd.


MIC-330 Product details

Features
ƒ Intel® 9th Gen 14nm Xeon®/Core™ processor with CM246 PCH
ƒ Up to 32GB DDR4 by 2 channels, with ECC or Non-ECC options
ƒ 2 RJ45 GbE LAN, 2 USB3.0, 2 DP on front 4HP panel
ƒ 2 M12 X-Coding GbE LAN, 1 DB9 COM on MIC-330 8HP panel
ƒ Up to two on board 2280 M.2 sockets at SATAIII speed on MIC-330 with
Mezzanine-1 card
ƒ One on board 2280 M.2 socket at SATAIII speed, and reserved super cap. &
Fe-RAM on MIC-330 with Mezzanine-2 card
ƒ Designed to meet EN50121-4 and EN50155
ƒ PICMG CompactPCI Serial (CPCI-S.0 R2.0) compliant




Similar Part No. - MIC-330

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-330 ADVANTECH-MIC-330 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-330 ADVANTECH-MIC-330 Datasheet
308Kb / 2P
3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
More results


Similar Description - MIC-330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-31 ETC2-CT-31 Datasheet
277Kb / 1P
Rugged Conduction Cooled 3U CompactPCI Intel Atom Processor Blade
logo
Advantech Co., Ltd.
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3332 ADVANTECH-MIC-3332 Datasheet
1Mb / 3P
3U CompactPCI Intel® 6th Gen. Quad- Core™ Processor Blade
29-Nov-2022
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
MIC-6330 ADVANTECH-MIC-6330 Datasheet
643Kb / 2P
3U OpenVPX CPU Blade with Intel® Xeon® Processor E3v5 and E3v6 family
17-Jun-2019
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com