Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z201 Datasheet (PDF) - Vishay Siliconix

Z201 Datasheet PDF - Vishay Siliconix
Part # Z201
Download  Z201 Download
File Size   160.5 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra-Performance Aerospace and Instrumentation Resistor

Z201 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z201 Datasheet PDF - Vishay Siliconix

Part # Z201
Download  Z201 Click to download

File Size   160.5 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra-Performance Aerospace and Instrumentation Resistor

Z201 Datasheet (HTML) - Vishay Siliconix


Z201 Product details

INTRODUCTION
The Z201 (0.150" lead spacing) and Z201L (0.200" lead spacing) Bulk Metal® Z-Foil resistors represent an industry breakthrough. This is the 3rd in a series of ultra-precision resistors since the first Bulk Metal® Foil resistor was introduced by Vishay in 1962. Each represents an improvement on the earlier model. The TCR slope of the Z201 is 0.2 ppm/°C (- 55 °C to + 125 °C, + 25 °C Ref.) and is an order of magnitude better than the original S102C. The Bulk Metal® Z-Foil resistor is the ultimate choice in the most demanding analog applications.

FEATURES
• Temperature Coefficient of Resistance (TCR):
   ± 0.05 ppm/°C typical (0 °C to + 60 °C)
   ± 0.2 ppm/°C typical (-55 °C to + 125 °C, + 25 °C Ref.)
• Power Coefficient of Resistance “ΔR due to self heating”: ± 5 ppm at Rated Power
• Rated Power: 0.6 W at 70 °C
                         0.3 W at 125 °C
• Resistance Tolerance: to ± 0.005 %
• Load Life Stability: to ± 0.005 % at 70 °C, 2000 hours at Rated Power
• Resistance Range: 10 Ω to 100 kΩ (higher or lower Values of Resistance available)
• Electrostatic Discharge (ESD) above 25 000 Volts
• Non Inductive, Non Capacitive Design
• Rise Time: 1.0 ns without ringing
• Current Noise: 0.01: - 40 dB
• Thermal EMF: 0.1 µV/°C Max.
                          0.05 µV/°C typical
• Voltage Coefficient: < 0.1 ppm/V
• Non Inductive: 0.08 µH
• Terminal Finishes available: Lead (Pb)-free
                                               Tin/Lead Alloy
• Maximum Working Voltage: 300 V
• Drop in Replacement for S102C/K
• Matched sets are available per request
• For better performances please contact us

APPLICATIONS
• Precision Amplifiers, High Precision Instrumentation, Medical and Automatic Test Equipment
• Laboratory, Audio (High End Stereo Equipment)
• EB Applications, Military, Airborne and Space
• Down-hole (High Temperature)




Similar Part No. - Z201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
logo
List of Unclassifed Man...
Z2010U ETC2-Z2010U Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPRESSOR
Z2012 ETC2-Z2012 Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
Z201250R00AB VISHAY-Z201250R00AB Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z201250R00BB VISHAY-Z201250R00BB Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
More results


Similar Description - Z201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Integrated Circuit Syst...
MN2200 ICST-MN2200 Datasheet
1,020Kb / 6P
High-performance Instrumentation Amplifier
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
Varistor Products - Aerospace and Military
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
Military/Aerospace High Performance Relays
logo
API Technologies Corp
MN2200 APITECH-MN2200 Datasheet
1Mb / 6P
High-performance Instrumentation Amplifier
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
Military Aerospace High Performance Relays
logo
TT Electronics.
4800 TTELEC-4800 Datasheet
410Kb / 3P
Ideal resistor for precision instrumentation
logo
Aeroflex Circuit Techno...
OPTAN250H AEROFLEX-OPTAN250H Datasheet
1Mb / 8P
High Performance UVC LEDs for Instrumentation
logo
TE Connectivity Ltd
EN2997 TEC-EN2997 Datasheet
1Mb / 20P
HIGH-PERFORMANCE AEROSPACE CONNECTORS FOR AIRCRAFT ENGINES & BOOSTERS
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com