Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP40-7617 Datasheet (PDF) - Artesyn Technologies

NLP40-7617 Datasheet PDF - Artesyn Technologies
Part # NLP40-7617
Download  NLP40-7617 Download
File Size   57.97 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description LOW TO MEDIUM POWER AC/DC POWER SUPPLIES

NLP40-7617 Datasheet (PDF)

Go To PDF Page Download Datasheet
NLP40-7617 Datasheet PDF - Artesyn Technologies

Part # NLP40-7617
Download  NLP40-7617 Click to download

File Size   57.97 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description LOW TO MEDIUM POWER AC/DC POWER SUPPLIES

NLP40-7617 Datasheet (HTML) - Artesyn Technologies


NLP40-7617 Product details

Total Power: 40 - 50 W

Input Voltage: 90 - 264 Vac

                   120 - 370 Vdc

# of Outputs: Single, dual, triple



SPECIAL FEATURES

■ 4.25 x 2.5 x 1.15 inch package (1U applications)

■ Universal input

■ Overvoltage and short circuit protection

■ 40 W with free air convection

■ EN55022, EN55011 conducted emission level B

■ EN61000-4-2, -3, -4, -5, -6 immunity compliant

■ UL, VDE and CSA safety approvals

■ NLP40 enclosure kit available

■ RoHS compliant



 




Similar Part No. - NLP40-7617

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP40-7617J EMERSON-NETWORKPOWER-NLP40-7617J Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP40-7617J ARTESYN-NLP40-7617J Datasheet
607Kb / 5P
Single, Dual and Triple Output
More results


Similar Description - NLP40-7617

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP25 ARTESYN-NLP25 Datasheet
49Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP65 ARTESYN-NLP65 Datasheet
63Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP70 ARTESYN-NLP70 Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP110 ARTESYN-NLP110 Datasheet
170Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L ARTESYN-NLP150L Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLS110-9602 ARTESYN-NLS110-9602 Datasheet
60Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
logo
Artesyn Technologies
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com