Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXI110 Datasheet (PDF) - Artesyn Technologies

NXI110 Datasheet PDF - Artesyn Technologies
Part # NXI110
Download  NXI110 Download
File Size   175.88 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 110W Non-isolated DC/DC Converters

NXI110 Datasheet (PDF)

Go To PDF Page Download Datasheet
NXI110 Datasheet PDF - Artesyn Technologies

Part # NXI110
Download  NXI110 Click to download

File Size   175.88 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 110W Non-isolated DC/DC Converters

NXI110 Datasheet (HTML) - Artesyn Technologies


NXI110 Product details

The NXI110 non-isolated DC/DC converters are designed to meet the exceptionally fast transient response requirements of today’s microprocessors and fast switching logic in a compact size at a very affordable price. Advanced Circuit techniques, component selection and placement optimization, state-of-the-art thermal packaging, and Surface Mount Technologies provide a high power density, highly reliable, and very precise voltage regulation system for advanced microprocessors.

• Meets VRM9.0 specification
• High efficiency: 84% typical @ Vin = 12V, Vout = 1.7V, Iout = 60A
• Multi-phase power conversion
• Microprocessor voltage identification input
    - 5 Bit VID input
    - 1.10V to 1.85V in 25mV steps
• Remote enable pin
• Power good signal
• True double ended differential remote sense
• Democratic current sharing, no need for master/slave configuration
• Up to 50A/µsec load transient no load to full load, recovery within 50µsec
• Overcurrent and short circuit protection
• Overvoltage protection with on board fuse
• Vertical plug-in to standard motherboard connector
• No minimum load requirement




Similar Part No. - NXI110

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NXI110 EMERSON-NETWORKPOWER-NXI110 Datasheet
256Kb / 4P
non-isolated dc-dc converters
NXI110-12P1V8CY EMERSON-NETWORKPOWER-NXI110-12P1V8CY Datasheet
256Kb / 4P
non-isolated dc-dc converters
More results


Similar Description - NXI110

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com