Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9800 Datasheet (PDF) - Microchip Technology

MCP9800 Datasheet PDF - Microchip Technology
Part # MCP9800
Download  MCP9800 Download
File Size   329.04 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Wire High-Accuracy Temperature Sensor

MCP9800 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP9800 Datasheet PDF - Microchip Technology

Part # MCP9800
Download  MCP9800 Click to download

File Size   329.04 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Wire High-Accuracy Temperature Sensor

MCP9800 Datasheet (HTML) - Microchip Technology


MCP9800 Product details

Description:
Microchip Technology Inc.’s MCP9800/1/2/3 family of digital temperature sensors converts temperatures between -55°C and +125°C to a digital word. They provide an accuracy of ±1°C (maximum) from -10°C to +85°C.

Features:
• Temperature-to-Digital Converter
• Accuracy with 12-bit Resolution:
    - ±0.5°C (typical) at +25°C
    - ±1°C (maximum) from -10°C to +85°C
    - ±2°C (maximum) from -10°C to +125°C
    - ±3°C (maximum) from -55°C to +125°C
• User-selectable Resolution: 9-12 bit
• Operating Voltage Range: 2.7V to 5.5V
• 2-wire Interface: I2C™/SMBus Compatible
• Operating Current: 200 µA (typical)
• Shutdown Current: 1 µA (maximum)
• Power-saving One-shot Temperature Measurement
• Available Packages: SOT-23-5, MSOP-8, SOIC-8

Typical Applications:
• Personal Computers and Servers
• Hard Disk Drives and Other PC Peripherals
• Entertainment Systems
• Office Equipment
• Data Communication Equipment
• Mobile Phones
• General Purpose Temperature Monitoring




Similar Part No. - MCP9800

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9800 MICROCHIP-MCP9800 Datasheet
611Kb / 42P
2-Wire High-Accuracy Temperature Sensor
2010
MCP9800 MICROCHIP-MCP9800 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP9800 MICROCHIP-MCP9800 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
MCP9800 MICROCHIP-MCP9800 Datasheet
503Kb / 30P
2-Wire High-Accuracy Temperature Sensor
09/27/04
MCP9800A0-M/MS MICROCHIP-MCP9800A0-M/MS Datasheet
611Kb / 42P
2-Wire High-Accuracy Temperature Sensor
2010
More results


Similar Description - MCP9800

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9800 MICROCHIP-MCP9800 Datasheet
611Kb / 42P
2-Wire High-Accuracy Temperature Sensor
2010
MCP9803-M MICROCHIP-MCP9803-M Datasheet
503Kb / 30P
2-Wire High-Accuracy Temperature Sensor
09/27/04
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Linear Dimensions Semic...
DC2126A LINEAR_DIMENSIONS-DC2126A Datasheet
724Kb / 10P
High-Accuracy Wireless Temperature Sensor
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Greystone Energy System...
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
HIGH ACCURACY DUCT TEMPERATURE SENSOR
PS-HATSOS GREYSTONE-PS-HATSOS Datasheet
256Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE SENSOR
PS-HATSPC GREYSTONE-PS-HATSPC Datasheet
204Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-HATSRC GREYSTONE-PS-HATSRC Datasheet
200Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-HATSGL GREYSTONE-PS-HATSGL Datasheet
137Kb / 1P
HIGH ACCURACY GLASS TEMPERATURE SENSOR
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com