Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10164227 Datasheet (PDF) - Amphenol Communications Solutions

10164227 Datasheet PDF - Amphenol Communications Solutions
Part # 10164227
Download  10164227 Download
File Size   1515.53 Kbytes
Page   6 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description RECEPTACLE BERGSTAK 0.4MM BTB

10164227 Datasheet (PDF)

Go To PDF Page Download Datasheet
10164227 Datasheet PDF - Amphenol Communications Solutions

Part # 10164227
Download  10164227 Click to download

File Size   1515.53 Kbytes
Page   6 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description RECEPTACLE BERGSTAK 0.4MM BTB

10164227 Datasheet (HTML) - Amphenol Communications Solutions




Similar Part No. - 10164227

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
10164228 AMPHENOLCS-10164228 Datasheet
264Kb / 1P
HEADER BERGSTAK 0.4MM BTB
Rev. B
10164228-0101A1RLF AMPHENOLCS-10164228-0101A1RLF Datasheet
264Kb / 1P
HEADER BERGSTAK 0.4MM BTB
Rev. B
10164228-0201A1RLF AMPHENOLCS-10164228-0201A1RLF Datasheet
264Kb / 1P
HEADER BERGSTAK 0.4MM BTB
Rev. B
10164228-0241A1RLF AMPHENOLCS-10164228-0241A1RLF Datasheet
264Kb / 1P
HEADER BERGSTAK 0.4MM BTB
Rev. B
10164228-0301A1RLF AMPHENOLCS-10164228-0301A1RLF Datasheet
264Kb / 1P
HEADER BERGSTAK 0.4MM BTB
Rev. B
More results


Similar Description - 10164227

ManufacturerPart #DatasheetDescription
logo
FCI connector
61083-104402LF FCI-CONNECTOR-61083-104402LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB PLUG ASSY
61082-101602LF FCI-CONNECTOR-61082-101602LF Datasheet
473Kb / 6P
BERGSTAK 0.8MM RECEPTACLE ASSY
61082-043400LF FCI-CONNECTOR-61082-043400LF Datasheet
473Kb / 6P
BERGSTAK 0.8MM RECEPTACLE ASSY
61083-042400LF FCI-CONNECTOR-61083-042400LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB PLUG ASSY
61082-101400LF FCI-CONNECTOR-61082-101400LF Datasheet
473Kb / 6P
BERGSTAK 0.8MM
61083-084409LF FCI-CONNECTOR-61083-084409LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB
61083-122402LF FCI-CONNECTOR-61083-122402LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB
logo
List of Unclassifed Man...
BABD-XXXG1087BCLI-C ETC-BABD-XXXG1087BCLI-C Datasheet
344Kb / 2P
PH 0.4mm Female BTB MH0.9mm
03-01-22
BBBD-XXXG1063BCLI-C ETC-BBBD-XXXG1063BCLI-C Datasheet
271Kb / 2P
PH 0.4mm Male BTB MH0.9mm.
03-24-22
logo
Amphenol Communications...
10164228 AMPHENOLCS-10164228 Datasheet
264Kb / 1P
HEADER BERGSTAK 0.4MM BTB
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com