Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER11 Datasheet (PDF) - STMicroelectronics

VIPER11 Datasheet PDF - STMicroelectronics
Part # VIPER11
Download  VIPER11 Download
File Size   1547.46 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Energy saving offline high voltage converter

VIPER11 Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER11 Datasheet PDF - STMicroelectronics

Part # VIPER11
Download  VIPER11 Click to download

File Size   1547.46 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Energy saving offline high voltage converter

VIPER11 Datasheet (HTML) - STMicroelectronics


VIPER11 Product details

Description
The device is a high voltage converter smartly
integrating an 800 V avalanche-rugged power
MOSFET with PWM current mode control. The
power MOSFET with 800 V breakdown voltage
allows the extended input voltage range to be
applied, as well as the size of the DRAIN snubber
circuit to be reduced. This IC meets the most
stringent energy-saving standards as it has very
low consumption and operates in pulse frequency
modulation under light load. The design of
flyback, buck and buck boost converters is
supported. The integrated HV startup, senseFET, error amplifier and oscillator with jitter allow
a complete application to be designed with the
minimum number of components.

Features
 800 V avalanche-rugged power MOSFET
allowing ultra wide VAC input range to be
covered
 Embedded HV startup and sense-FET
 Current mode PWM controller
 Drain current limit protection
– 370 mA (VIPER113)
– 480 mA (VIPER114)
– 590 mA (VIPER115)
 Wide supply voltage range: 4.5 V to 30 V
 Minimized system input power consumption:
– Less than 10 mW at 230 VAC in no-load
condition
– Less than 400 mW at 230 VAC with 250
mW load
 Jittered switching frequency reduces the EMI
filter cost:
– 30 kHz ± 7% (type X)
– 60 kHz ± 7% (type L)
– 120kHz ± 7%(type H)
 Embedded E/A with 1.2 V reference
 Protections with automatic restart:
overload/short-circuit (OLP), line or output
OVP, max. duty cycle counter, VCC clamp
 Pulse-skip protection to prevent flux- runaway
 Embedded thermal shutdown
 Built-in soft-start for improved system reliability

Applications
 Low power SMPS for home appliances, home
automation, industrial, consumer, lighting
 Low power adapters




Similar Part No. - VIPER11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER100 STMICROELECTRONICS-VIPER100 Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
VIPER100(022Y) STMICROELECTRONICS-VIPER100(022Y) Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
VIPER100-22-E STMICROELECTRONICS-VIPER100-22-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER100-E STMICROELECTRONICS-VIPER100-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER100/SP STMICROELECTRONICS-VIPER100/SP Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
More results


Similar Description - VIPER11

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
SPL8801 MARL-SPL8801 Datasheet
704Kb / 6P
High Efficiency Components Used For Maximum Energy Saving
SPL9066 MARL-SPL9066 Datasheet
2Mb / 3P
High Efficiency Components Used For Maximum Energy Saving
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
Energy-saving axial fan
logo
Sharp Corporation
GP1UD287YK SHARP-GP1UD287YK Datasheet
109Kb / 7P
Energy Saving Type Low Dissipation
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
Energy-saving axial fans
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
Energy saving off-line high voltage converter
09-Mar-2016
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
Offline converter for wide range input voltage
09-Jan-2013
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
Energy-saving axial fans
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com