Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0453B Datasheet (PDF) - Renesas Technology Corp

F0453B Datasheet PDF - Renesas Technology Corp
Part # F0453B
Download  F0453B Download
File Size   2761.13 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz

F0453B Datasheet (PDF)

Go To PDF Page Download Datasheet
F0453B Datasheet PDF - Renesas Technology Corp

Part # F0453B
Download  F0453B Click to download

File Size   2761.13 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz

F0453B Datasheet (HTML) - Renesas Technology Corp


F0453B Product details

Description
The F0453B is an integrated dual-path RF front-end consisting of
an RF switch and two gain stages with 6dB gain control used in
the analog front-end receiver of an Active Antenna System (AAS).
The F0453B supports frequencies from 3300MHz to 4000MHz.
The F0453B provides 34.5dB gain with +23dBm OIP3, +15dBm
output P1dB, and 1.35dB noise figure at 3500MHz. Gain is
reduced 6dB in a single step with a maximum settling time of
31ns. The device uses a single 3.3V supply and 130mA of IDD.
The F0453B is offered in a 5 × 5 × 0.8 mm, 32-LGA package with
50Ω input and output amplifier impedances for ease of integration
into the signal path.

Typical Applications
 Multi-mode, Multi-carrier receivers
 4.5G (LTE Advanced)
 5G band 42 and 43

Features
 Gain at 3500MHz
• 34.5dB typical in High Gain Mode
• 28.5dB typical in Low Gain Mode
 1.35dB NF at 3500MHz
 +23dBm OIP3 at 3500MHz
 OP1dB at 3500MHz
• +15dBm in High Gain Mode
• +14dBm in Low Gain Mode
 50Ω single-ended input / output amplifier impedances
 IDD = 130mA
 Independent Standby Mode for power savings
 Supply voltage: +3.15V to +3.45V
 5 × 5 mm, 32-LGA package
 -40°C to +105°C exposed pad operating temperature range




Similar Part No. - F0453B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
F0453BEVBK IDT-F0453BEVBK Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
F0453BLEGK IDT-F0453BLEGK Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
F0453BLEGK8 IDT-F0453BLEGK8 Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
More results


Similar Description - F0453B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453C RENESAS-F0453C Datasheet
1Mb / 30P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Analog Devices
AD9375 AD-AD9375 Datasheet
852Kb / 61P
Integrated, Dual RF Transceiver with Observation Path
3/2017-Revision 0
logo
Renesas Technology Corp
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com