Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-EB-450 Datasheet (PDF) - Abracon Corporation

PRO-EB-450 Datasheet PDF - Abracon Corporation
Part # PRO-EB-450
Download  PRO-EB-450 Download
File Size   835.97 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OnBoard 2.4 GHz SMD - Antenna

PRO-EB-450 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRO-EB-450 Datasheet PDF - Abracon Corporation

Part # PRO-EB-450
Download  PRO-EB-450 Click to download

File Size   835.97 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OnBoard 2.4 GHz SMD - Antenna

PRO-EB-450 Datasheet (HTML) - Abracon Corporation


PRO-EB-450 Product details

Features
• Compact
• Low Cost
• Mixed Linear Polarization
• Peak Gain of 5.2 dBi
• Efficiency > 65%
• Surface Mount
• Durable-Shelf life of up to 10 years




Similar Part No. - PRO-EB-450

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
PRO-EB-450 ABRACON-PRO-EB-450 Datasheet
710Kb / 11P
OnBoard 2.4 GHz SMD - EVB
More results


Similar Description - PRO-EB-450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10192 ETC2-A10192 Datasheet
751Kb / 12P
Fusca 2.4 GHz SMD Antenna
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
Impexa 2.4 GHz SMD Antenna
A5645 ETC2-A5645 Datasheet
1Mb / 12P
Mica 2.4 GHz SMD Antenna
A5839 ETC2-A5839 Datasheet
957Kb / 14P
Rufa 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
Rufa 2.4 GHz SMD Antenna
A6111 ETC2-A6111 Datasheet
1Mb / 12P
Comata 2.4 GHz SMD Antenna
logo
Abracon Corporation
PRO-EB-450 ABRACON-PRO-EB-450 Datasheet
710Kb / 11P
OnBoard 2.4 GHz SMD - EVB
PRO-EB-609 ABRACON-PRO-EB-609 Datasheet
790Kb / 11P
OnBoard 2.4 GHz Mini SMD - EVB
PRO-OB-536 ABRACON-PRO-OB-536 Datasheet
963Kb / 13P
2.4/5GHz OnBoard WLAN SMD - Antenna
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
886Kb / 12P
OnBoard 2.4 GHz Mini SMD - Antenna
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com